Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGL34G Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # EGL34G
Description  SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

EGL34G Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  EGL34G Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. EGL34G Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 12/02/2009
V
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
EGL34A THRU EGL34G
SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
Reverse Voltage - 50 to 400 V
Forward Current - 0.5 A
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Fast switching for high efficiency
Mechanical Data
• Case: MiniMELF (DO-213AA), molded plastic body
• Terminals: Solder plated, solderable per MIL-STD-750,
method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified.
Parameter
Symbols EGL34A EGL34B EGL34C EGL34D EGL34F EGL34G Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
V
Maximum Average Forward Rectified Current
at TT = 75 OC
IF(AV)
0.5
A
Peak Forward Surge Current 8.3 ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC Method)
IFSM
10
A
Maximum Forward Voltage at 0.5 A
VF
1.25
1.35
V
Maximum Reverse Current
TA = 25 OC
at Rated DC Blocking Voltage
TA = 125 OC
IR
5
50
μA
Maximum Reverse recovery time
1)
trr
50
ns
Typical Junction Capacitance
2)
CJ
7
pF
Typical Thermal Resistance
3), 4)
RθJA
RθJT
150
70
O
C/W
Operating and Storage Temperature Range
Tj ,Tstg
- 65 to + 175
O
C
1) Test conditions: IF = 0.5 A, IR = 1 A, Irr = 0.25 A
2) Measured at 1 MHz and applied reverse voltage of 4 VDC.
3) Thermal resistance from junction to ambient, 0.24" X 0.24"(6 X 6 mm) copper pads to each terminals.
4) Thermal resistance from junction to terminal, 0.24" X 0.24"(6 X 6 mm) copper pads to each terminals.
MiniMELF (DO-213AA) Plastic Package


Similar Part No. - EGL34G

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EGL34G GE-EGL34G Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Shenzhen Luguang Electr...
EGL34G LUGUANG-EGL34G Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Micro Commercial Compon...
EGL34G MCC-EGL34G Datasheet
357Kb / 2P
   0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
EGL34G DIOTEC-EGL34G Datasheet
141Kb / 2P
   Superfast Recovery SMD Rectifier Diodes
EGL34G DIOTEC-EGL34G Datasheet
122Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
More results

Similar Description - EGL34G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com