Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB16MKG03 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB16MKG03
Description  Short Body Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB16MKG03 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB16MKG03 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB16MKG03 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB16MKG03 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB16MKG03 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB16MKG03 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB16MKG03 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB16MKG03 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB16MKG03 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
08-08
Short Body Pushbuttons
Series YB
HOUSING
K Black only
SHAPES
Bushing Mounting
S
Square
C
Round
R
Rectangular
Snap-in Mounting
K
Square
M
Round
N
Rectangular
POLES
1
SPDT
2
DPDT
1
C
K
01
YB
Cap with Green Lens
& White Insert
Without Panel Seal
Silver Contacts with 3 Amp Rating
Solder Lug/.110” (2.8mm)
Quick Connect Terminals
Round with Bushing Mounting
Black Housing
SPDT ON-(ON) Circuit
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
CONTACT MATERIALS
& RATINGS
W
Silver
Rated 3A @ 125V AC
G
Gold
Rated 0.4VA max.
@ 28V AC/DC max.
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
YB15CKW01-FB
FB
W
TERMINALS
01 Solder Lug/.110” (2.8mm)
Quick Connect
03 Straight PC
PANEL SEAL
No
Code Without Panel Seal
W
With Panel Seal
(Bushing Mount only)
TYPICAL SWITCH ORDERING EXAMPLE
BB
White/White
CB
Red/White
EB
Yellow/White
FB
Green/White
GB
Blue/White
CAP COLORS
Note: Cap with clear
lens and colored
insert available;
see Illuminated
Pushbuttons section
IMPORTANT:
Switches are supplied without UL,
C-UL, & CSA markings unless
specified. Specific models & rat-
ings noted on General Specifica-
tions page.


Similar Part No. - YB16MKG03

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB16MKW01-05-BB NKK-YB16MKW01-05-BB Datasheet
366Kb / 12P
   Short Body Pushbuttons
YB16MKW03-05-BB NKK-YB16MKW03-05-BB Datasheet
366Kb / 12P
   Short Body Pushbuttons
More results

Similar Description - YB16MKG03

ManufacturerPart #DatasheetDescription
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
206Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com