Part Name
         Description
101-205-02

 PCB MOUNTING LEDs - Ø 2mm ( 3 Page)


MARL
100% 
Zoom Out Zoom In
   
 1 page
background image
Material conforms to UL94 V-O flammability ratings
Side stackable on 2.54mm centres
Sub miniature size saves space
Reverse polarity options available
Product illustrated 101-214-20
Typically available ex stock
PCB MOUNTING LEDs - Ø 2mm
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure up to = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
101 SERIES
PACK QUANTITY = 250 PIECES
PART NUMBER
COLOUR
LENS
VOLTAGE
CURRENT
LUMINOUS
WAVE
OPERATING STORAGE
DC
DC
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA
λ
p
Topr
Tstg
101-205-02
Red
Colour Diffused 1.8
10
10
627
-55 ~ +100^ -55 ~ +100
Yes
101-211-02
Yellow
Colour Diffused 2.0
10
9
590
-55 ~ +100^ -55 ~ +100
Yes
101-214-02
Green
Colour Diffused 2.1
10
7
565
-40 ~ +100^ -55 ~ +100
Yes
101-205-20
Red
Colour Diffused 5
10
10
635
-55 ~ +100^ -55 ~ +100
Yes
101-211-20
Yellow
Colour Diffused 5
10
9
583
-55 ~ +100^ -55 ~ +100
Yes
101-214-20
Green
Colour Diffused 5
10
7
565
-40 ~ +100^ -55 ~ +100
Yes
UNITS
Vdc
mA
mcd
nm
0
C
0
C
STANDARD INTENSITY
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2008 : DS 056/07 Issue 3
Page 1 of 3
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
^ = Products must be derated according to the derating information. Each
derating graph refers to specific LEDs.
BS EN ISO 9001:2000
Approved Manufacturer



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ORD9702XY3mm PCB MOUNTED LEDS 1 2 Bedford Opto Technology Ltd.
ORE9701LLow Current PCB MOUNTED LEDS 1 2 Bedford Opto Technology Ltd.
TLRME68CGLED Lamps for mounting on through-hole PCB using an automatic insertion machine 1 2 3 4 5 MoreToshiba Semiconductor
TLRME68DGLED Lamps for mounting on through-hole PCB using an automatic insertion machine 1 2 3 4 5 MoreToshiba Semiconductor
HE12-1A83-02High Voltage Reed Relays for PCB Mounting 1 2 3 4 Meder Electronic
TLSU268G_07LED Lamps for mounting on through-hole PCB using an automatic insertion machine 1 2 3 4 5 MoreToshiba Semiconductor
TPS61160White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series 1 2 3 4 5 MoreTexas Instruments
SML-LXFT0805SIC-TR1.25mm x 2mm PCB SURFACE MOUNT LED 1 LUMEX INC.
SML-LXFT0805SOC-TR1.25mm x 2mm PCB SURFACE MOUNT LED 1 LUMEX INC.
SML-LXFT0805SRC-TR1.25mm x 2mm PCB SURFACE MOUNT LED 1 LUMEX INC.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl