Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1SS400GT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L1SS400GT1G
Description  Switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L1SS400GT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  L1SS400GT1G Datasheet HTML 1Page - Leshan Radio Company L1SS400GT1G Datasheet HTML 2Page - Leshan Radio Company L1SS400GT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
2/3
L1SS400GT1G
1
100m
10m
1m
100
µ
10
µ
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
FORWARD VOLTAGE : VF (V)
Fig.1 Forward characteristics
10
5
2
1
0.5
0.2
0.1
ELECTRICAL CHARACTERISTIC CURVES
(Ta = 25°C)
1m
0.1m
10
µ
1
µ
100n
10n
1n
0
20
40
60
80
100
120
REVERSE VOLTAGE : VR (V)
Fig.3 Capacitance between terminals
REVERSE VOLTAGE : VR (V)
Fig.2 Reverse characteristics
02
4
6
8
10
1214
3
2
1
0
0.1
1
10
100
1000
10,000
FORWARD CURRENT : I F (mA)
Fig.4 Reverse recovery time characteristics
100
50
20
10
5
2
1
010
20
30
PULSE WIDTH : TW (ms)
Fig.5 Surge current characteristics
PULSEGENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
50
Fig.6 Reverse recovery time (trr)
measurement circuit
5k
0.01
µF
D.U.T.


Similar Part No. - L1SS400GT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L1SS400GT1G LRC-L1SS400GT1G_15 Datasheet
303Kb / 3P
   Switching diode
More results

Similar Description - L1SS400GT1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com