Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV04ADBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV04ADBR
Description  HEX INVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV04ADBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LV04ADBR Datasheet HTML 4Page - Texas Instruments SN74LV04ADBR Datasheet HTML 5Page - Texas Instruments SN74LV04ADBR Datasheet HTML 6Page - Texas Instruments SN74LV04ADBR Datasheet HTML 7Page - Texas Instruments SN74LV04ADBR Datasheet HTML 8Page - Texas Instruments SN74LV04ADBR Datasheet HTML 9Page - Texas Instruments SN74LV04ADBR Datasheet HTML 10Page - Texas Instruments SN74LV04ADBR Datasheet HTML 11Page - Texas Instruments SN74LV04ADBR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - SN74LV04ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV04ADBR TI-SN74LV04ADBR Datasheet
702Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74LV04ADBR TI-SN74LV04ADBR Datasheet
672Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74LV04ADBRE4 TI-SN74LV04ADBRE4 Datasheet
702Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74LV04ADBRE4 TI-SN74LV04ADBRE4 Datasheet
672Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74LV04ADBRG4 TI-SN74LV04ADBRG4 Datasheet
672Kb / 18P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74LV04ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com