Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W1292 Datasheet(PDF) 3 Page - Lumins Inc.

Part # W1292
Description  Wall mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W1292 Datasheet(HTML) 3 Page - Lumins Inc.

  W1292 Datasheet HTML 1Page - Lumins Inc. W1292 Datasheet HTML 2Page - Lumins Inc. W1292 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SYRIOS
Optional accessories
L U M I
I
N S
Luminaries may be altered for improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Toll free: 888 .401 .6999
Sept. 2006 JAN.2008
Quartz restrike standby lamp kit.
When power failure is restored, it
will energize temporary Quartz
lamp with progressive dimming
until full H.I.D light output is
produced.
max.100w DC bayonet type.
(Lamp is not included.)
Not Applicable with CFL lamps.
Quartz lamp restrike
Option: QRS
Quartz lamp restrike
Quartz lamp socket for external
120V emergency power input.
Separate 120V dedicated wiring is
included.
max.100 W DC bayonet type.
(Lamp is not included.)
Not Applicable with CFL lamps.
Option: QS
Longer suspension stem
STM60
STA60:
60” lg.X5/8” O.D.
suspension stem.
STM80
STA80:
80” lg. X5/8” O.D.
suspension stem.
For other factory cut to size length add
suffix -STM with desired length to
catalog# max.120”
*STA
option for:
W1250S
Stems can be cut on site
and rethreaded externally
(Tap size 1/4 IPS / 1/4-18)
Option
45º hang straight ball swivel
for 5/8” dia. suspension stem.
Option: SW45
Slope ceiling adaptor
Option: SB45
45º hang straight ball swivel
for 5/8” dia. suspension stem.
with adaptor plate for W1250S
SW45
SB45
Option: SPW (White)
SPB (Black)
Suspension power cord
3/18 X 36”lg. power cord with
adjustable aircraft cable.
SPB Black power cable only
with options
EM42
EM242
QS
Note: cable size
and type may
change at factory
discretion upon
availability, to
accommodate
required wiring
with selected
option.
Safety suspension cable
Safety aircraft suspension cable,
for applications with earthquake
regulations.
Cables extends 18” beyond
canopy.
(Secured to building structure)
Option: STC
3/18 Spiral power cord Max. 277V
Standard extended length: 3ft.
Not applicable when using options
EM42
EM242
QS
Spiral suspension power cord
Option: TCW (White)
TCB (Black)
Page
128
Overall length change:
Change total suspension length fro
standard length.
Specify desired length in inches.
EX: STM2-72”
Option:
STM2
STM2-
Emergency battery back-up
EM42 / EM42S
One lamp:
26w: 450 Lmns..
32w: 575 Lmns.
42w: 750 Lmns.
Time: 90 Mnts -120/277V / T 0º C
For 57w & 70w:
(Remote installation only) Consult factory
Note: Use of Emergency battery, requires periodic
and regular testing to ensure correct operation.
(please refer to manufacturer’s instructions.
HOT
Single pole test switch (Breaking the connection)
BLK
WHT
WHT
COM
EM
ballast
Note:
EM42 option is
supplied with integral
test switch and pilot
light.
EM42S is supplied
with additional wiring
for external remotely
installed test switch
and pilot light.
AC ballast
Black/120V (Factory wired)
Orange/277V
(Cap unused lead.)
EM42S wiring
EM42 wiring
EM Ballast wiring
diagram for 120V
factory connection.


Similar Part No. - W1292

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
   Wall mount
More results

Similar Description - W1292

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
   Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
   Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
   Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
   Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
   Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
   Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
   Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
   Wall mount
16.08.2023
SYS1588-W2E SUNNY-SYS1588-W2E Datasheet
909Kb / 2P
   Wall mount
03.10.2022
logo
Lumins Inc.
LX130 LUMINIS-LX130 Datasheet
90Kb / 2P
   Wall mount
LX110 LUMINIS-LX110 Datasheet
98Kb / 2P
   Wall mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com