Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB16RKW03 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB16RKW03
Description  Short Body Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB16RKW03 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB16RKW03 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKW03 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKW03 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKW03 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKW03 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKW03 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKW03 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. YB16RKW03 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
08-08
Short Body Pushbuttons
Series YB
(15.0) Sq
.591
(12.2)
.480
(4.0)
.157
(21.0)
.827
(12.2)
.480
(4.0)
.157
(15.0)
.591
(15.0) Dia
.591
(12.2)
.480
(4.0)
.157
Solder Lug/
.110” (2.8mm) Quick Connect
01
03
TERMINALS
CAPS & COLORS
Colors Available:
BB
CB
EB
FB
GB
White/
White
Blue/
White
Green/
White
Yellow/
White
Red/
White
Straight PC
(7.3)
.288
Epoxy Seal
(2.0)
.079
(1.2)
.047
(2.8)
.110
Thk = (0.5)
.020
Epoxy Seal
(0.6) R
.024
(1.2)
.047
(2.8)
.110
(4.4)
.173
Thk = (0.5)
.020
Single Pole
Double Pole
1
4
2
5
63
CL
(3.7) Typ
.146
(4.85) Typ
.191
(1.6) Dia Typ
.063
(5.55) Typ
.219
(3.0) Typ
.118
1
2
3
CL
(3.7) Typ
.146
(4.85) Typ
.191
(1.6) Dia Typ
.063
(5.55)
.219
(3.0)
.118
AT3001
Square
AT3002
Round
AT3003
Rectangular
(15.0) Sq
.591
(18.0) Sq
.709
(10.9)
.429
(7.3)
.288
(24.3)
.957
(9.4)
.370
M15.8 P1
(1.2) x (2.0) Typ
.047 x .079
(0.5) Typ
.020
(8.3)
.327
(2.8) Typ
.110
(9.7)
.382
NC
L
- +
COM
36
5
2
14
(6.0)
.236
(11.1)
.437
(3.7)
.146
TYPICAL SWITCH DIMENSIONS
Square • Bushing Mounting
Single & Double Pole
YB15SKW01-CB
Single pole models do not have terminals 4, 5, & 6.
Materials:
Lens & Insert: Polycarbonate
Seal/Filter: Thermoplastic Elastomer


Similar Part No. - YB16RKW03

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB16RKW03-05-BB NKK-YB16RKW03-05-BB Datasheet
366Kb / 12P
   Short Body Pushbuttons
More results

Similar Description - YB16RKW03

ManufacturerPart #DatasheetDescription
logo
GREATECS
YB15SKW01-12-CB GREATECS-YB15SKW01-12-CB Datasheet
342Kb / 9P
   Short Body Pushbuttons
logo
Nihon Kaiheiki Industry...
LP0115CCKW01A NKK-LP0115CCKW01A Datasheet
197Kb / 6P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
206Kb / 6P
   Short Body Pushbuttons
YB15SKW01-05-JB NKK-YB15SKW01-05-JB Datasheet
366Kb / 12P
   Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
   Short Body Pushbuttons
YB15CKW01-6F-JB NKK-YB15CKW01-6F-JB Datasheet
754Kb / 12P
   Short Body Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com