Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB226KKG03N-4JF Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB226KKG03N-4JF
Description  Low Profile Pushbuttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB226KKG03N-4JF Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB226KKG03N-4JF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB226KKG03N-4JF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB226KKG03N-4JF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB226KKG03N-4JF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB226KKG03N-4JF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB226KKG03N-4JF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB226KKG03N-4JF Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Pushbuttons
Series UB2
TERMINALS
01 Solder Lug (for
Snap-in Mounting)
03 Straight PC
MOUNTING TYPES
PCB Mounting
SK
Square
* Snap-in Mounting
KK
Square
* Standard with Solder
Lug terminals
POLES
1
SPDT
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
1
SK
G
03
N
UB2
Red Beveled Cap
SPDT ON-(ON) Circuit
Straight PC Terminals
Gold Contacts with 0.4VA Rating
Square with PCB Mounting
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
CONTACTS & RATINGS
W Silver Rated 5A
@ 125/250V AC
G
Gold Rated 0.4VA max
@ 28V AC/DC max
5
IMPORTANT:
Switches are supplied without UL
& C-UL marking unless specified.
Specific models & ratings noted on
General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
UB215SKG03N-5C
5C
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note:
Switch is marked with NC, NO, COM, L+ & L–.
SP
UB215
*UB216
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
UB225
*UB226
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
* When in latchdown position for the alternate circuit, cap positions above the housing are:
.059” (1.5mm) for snap-in models & .276” (7.0mm) for PCB models.
4
6
1
3
2
5
COM
COM
NC
NC
NO
NO
1
3
2
COM
NO
NC
POLES & CIRCUITS
Sculptured Cap
Lens/Insert Colors
4JA Clear/Black
4JB Clear/White
4JC Clear/Red
4JD Clear/Amber
4JF
Clear/Green
Beveled Cap
& Colors
5A
Black
5B
White
5C
Red
5D
Amber
5F
Green
CAP TYPES & COLORS
Note: Flat Cap with clear
lens and colored
diffuser available;
see Illuminated
Pushbuttons section


Similar Part No. - UB226KKG03N-4JF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB226KKG035C-1JB NKK-UB226KKG035C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB226KKG035C-1JB NKK-UB226KKG035C-1JB Datasheet
410Kb / 12P
   General Specifications
UB226KKG035C-1JC NKK-UB226KKG035C-1JC Datasheet
404Kb / 12P
   Low Profile Pushbuttons
UB226KKG035C-1JC NKK-UB226KKG035C-1JC Datasheet
410Kb / 12P
   General Specifications
UB226KKG035C-1JD NKK-UB226KKG035C-1JD Datasheet
410Kb / 12P
   General Specifications
More results

Similar Description - UB226KKG03N-4JF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com