Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB26NBKW015D Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB26NBKW015D
Description  Low Profile Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB26NBKW015D Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB26NBKW015D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB26NBKW015D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB26NBKW015D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB26NBKW015D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB26NBKW015D Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB26NBKW015D Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB26NBKW015D Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB26NBKW015D Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. UB26NBKW015D Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Low Profile Pushbuttons
Series UB
CAP TYPES & COLORS
TERMINALS
01
Solder Lug (for
Snap-in
Mounting)
03 Straight PC
MOUNTING TYPES
PCB Mounting
SK
Square
RK
Rectangular
* Snap-in Mounting
KK
Square
NK Rectangular
NBK Rectangular with
Side Barriers
* Standard with Solder
Lug terminals
POLES
1
SPDT
2
DPDT
LEDS
TYPICAL SWITCH ORDERING EXAMPLE
1
SK
G
03
5C
UB
Red, Bright LED and Red Lens
with Red Diffuser
SPDT ON-(ON) Circuit
Straight PC Terminals
Gold Contacts with
0.4VA Rating
Square with PCB Mounting
CC
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
CONTACTS & RATINGS
W Silver Rated 5A
@ 125/250V AC
G
Gold Rated 0.4VA max
@ 28V AC/DC max
Super Bright LED
6B
White
6F
Green
6G
Blue
Available with
Square only
Bright LED
5C
Red
5D
Amber
5F
Green
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
UB15SKG035C-CC
*
*
Spot Illuminated Cap
for Bright & Super Bright LEDs
AB Black with White Window
Rectangular available for Bright only
Full Face Illuminated Cap
for Super Bright LED
JB Clear Lens/White Diffuser
For Square only; see cap detail page
Full Face Illuminated Cap
for Bright LED
Lens/Diffuser Colors
CB Red/White
FF Green/Green
CC Red/Red
FJ Green/Clear
CJ Red/Clear
JB Clear/White
DB Amber/White
JC Clear/Red
DD Amber/Amber JD Clear/Amber
DJ Amber/Clear
JF Clear/Green
FB Green/White
JJ Clear/Clear
* Not available with Rectangular cap
*
*
IMPORTANT:
Switches are supplied without UL, C-UL, & CSA
markings unless specified. Specific models &
ratings noted on General Specifications page.


Similar Part No. - UB26NBKW015D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB26NBKW015D-CB NKK-UB26NBKW015D-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB26NBKW015D-CB NKK-UB26NBKW015D-CB Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB26NBKW015D-CC NKK-UB26NBKW015D-CC Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB26NBKW015D-CD NKK-UB26NBKW015D-CD Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB26NBKW015D-CF NKK-UB26NBKW015D-CF Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
More results

Similar Description - UB26NBKW015D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com