Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA16 Datasheet(PDF) 1 Page - Lumins Inc.

Part # PCA16
Description  4?쒭ia. aluminum poles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PCA16 Datasheet(HTML) 1 Page - Lumins Inc.

  PCA16 Datasheet HTML 1Page - Lumins Inc. PCA16 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4”
12”
9” Dia. Bolt circle.
11” Dia. base plate
Hand hole
wiring access cover
Street
side
Specification
POLES
PCA
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
Model#
Finish
Options
Mounting
luminaires may be altered for design improvements or discontinued without prior notice.
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
L U M I
I
N S
4”Dia. aluminum poles
Note:
FS-PH1-PH2
Options are installed with pole
when specified with a Luminaire.
PCA16
16
PCA10
10
PCA12
12
PCA14
14
PCA. : 4” O.D. Aluminum pole structure 1/8” wall
8”
6”
18”
60”
Ft.
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Cast aluminum wiring access cover.
- Set of 4 galvanized anchor bolts with 8 nuts and washers.
- 6061 T6 alloy 4” OR 4 1/2” DIA.X .125” thick aluminum step pole
with four side supports (1” dia.x 125” thick tubes)
- One-piece 1/2” thick cast aluminum base plate with pole
collar adaptor and 4 reinforcing gussets.
- Two piece cast aluminum base cover.
- All stainless steel hardware.
Page
141
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell
GFI :
G.F.I . Ground fault
interruption receptacle.
PCA10
10 FT
PCA12
12 FT
PCA14
14 FT
.125
.125
.125
7.9
6.1
4.7
3.9
3.2
2.2
2.6
3.3
4.4
6.1
3.6
2.5
1.8
1.4
1.1
PCA
Aluminum pole
(E.P.A)
PCA16
16 FT
.125
3.6
2.8
2.2
1.5
1.1
Note: Pole is factory extended to accommodate
selected luminaire attachment.
Please refer to pages 145 & 146 for
poles/luminaires and attachment reference chart
Note
For options details and
specifications, please refer
to page 144
Base plate is provided with a 3 3/4” dia. opening for power entry .
Galvanized anchor bolts :
Set of 3/4-10 x 18” lg. anchor bolts.
4”
Ft.
Ft.
Ft.


Similar Part No. - PCA16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA1601U/10 PHILIPS-PCA1601U/10 Datasheet
89Kb / 16P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
PCA1601U/10 NXP-PCA1601U/10 Datasheet
81Kb / 16P
   32 kHz watch circuits with EEPROM
1997 Dec 12
PCA1602T PHILIPS-PCA1602T Datasheet
89Kb / 16P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
PCA1602T NXP-PCA1602T Datasheet
81Kb / 16P
   32 kHz watch circuits with EEPROM
1997 Dec 12
PCA1603U/7 PHILIPS-PCA1603U/7 Datasheet
89Kb / 16P
   32 kHz oscillator, amplitude regulated with excellent frequency stability
1997 Dec 12
More results

Similar Description - PCA16

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PEX10 LUMINIS-PEX10 Datasheet
102Kb / 2P
   6?쒭ia. extruded aluminum poles
PAA4 LUMINIS-PAA4 Datasheet
102Kb / 2P
   4?? 5??Dia. aluminum poles
PXD10 LUMINIS-PXD10 Datasheet
102Kb / 2P
   4??Dia.X 6??extruded aluminum step poles
logo
WECO ELECTRICAL CONNECT...
362-M WECO-362-M Datasheet
165Kb / 1P
   Double terminals 4 poles
01.20
logo
Rosenberger Hochfrequen...
MF2C110-000-NM ROSENBERGER-MF2C110-000-NM Datasheet
132Kb / 2P
   CONNECTOR KIT 4-POLES
logo
ITT Industries
RTA ITT-RTA Datasheet
379Kb / 4P
   1-4 Poles Coded Rotary Switches
logo
C&K Components
RTA CK-COMPONENTS-RTA_V01 Datasheet
1Mb / 5P
   1–4 Poles Coded Rotary Switches
logo
Adam Technologies, Inc.
DME-F-04 ADAM-TECH-DME-F-04 Datasheet
64Kb / 1P
   WIRE TO WIRE FEMALE 4 POLES
DME-M-04 ADAM-TECH-DME-M-04 Datasheet
63Kb / 1P
   WIRE TO WIRE MALE 4 POLES
logo
C&K Components
RTA CK-COMPONENTS-RTA_V02 Datasheet
766Kb / 5P
   1–4 Poles Coded Rotary Switches
16 May 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com