Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB26RKW01N-B Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB26RKW01N-B
Description  Distinctive Characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB26RKW01N-B Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB26RKW01N-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB26RKW01N-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB26RKW01N-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. UB26RKW01N-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. UB26RKW01N-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. UB26RKW01N-B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. UB26RKW01N-B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. UB26RKW01N-B Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W):
5A @ 125/250V AC or 5A @ 30V DC
Logic Level (code G):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
50 milliohms maximum for silver; 100 milliohms maximum for gold
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
1,000,000 operations minimum for momentary;
200,000 operations minimum for alternate action
Electrical Life:
10,000 operations minimum for silver;
100,000 operations minimum for silver with resistive load of 3A @ 125V AC
200,000 operations minimum for gold
Nominal Operating Force:
Single Pole: 1.57N for Square & 1.9N for Rectangular
Double Pole: 2.55N for Square & 3.1N for Rectangular
Contact Timing:
Break before make
Travel:
Pretravel .067” (1.7mm); Overtravel .024” (0.6mm); Total Travel .091” (2.3mm)
Materials & Finishes
Housing/Bezel:
Glass fiber reinforced polyamide (UL94V-0)
Snap-in Frame:
Stainless steel
Movable Contactor:
Phosphor bronze
Movable Contacts:
Silver alloy or copper with gold plating
Stationary Contacts:
Silver alloy or copper with gold plating
Terminals:
Phosphor bronze with silver or gold plating
Base:
Glass fiber reinforced liquid crystal polymer (UL94V-0)
Environmental Data
Operating Temp Range:
–20°C through +70°C (–4°F through +158°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Cap Installation Force:
7.55N (1.70 lbf) maximum downward force on cap
Soldering Time & Temp:
Wave Soldering (PC version): See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 housing/bezel of GFR polyamide & base of GFR liquid crystal polymer
UL & C-UL Recognized:
All single & double pole models recognized at 5A @ 125/250V AC or 0.014A @ 28V DC;
UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch;
C-UL File No. WOYR8.E44145; add “/C-UL” to end of part number to order C-UL mark on switch.
CSA Certified:
All single & double pole models certified at 5A @ 125/250V AC or 5A @ 30V DC or
0.4VA maximum @ 28V AC/DC maximum; CSA File No. 023535-0-000;
add “/C” to end of part number to order CSA mark on switch.
R


Similar Part No. - UB26RKW01N-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB26RKW015C NKK-UB26RKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB26RKW015C-CB NKK-UB26RKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB26RKW015C-CB NKK-UB26RKW015C-CB Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB26RKW015C-CC NKK-UB26RKW015C-CC Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
UB26RKW015C-CD NKK-UB26RKW015C-CD Datasheet
117Kb / 6P
   Low Profile Pushbutton Switches
More results

Similar Description - UB26RKW01N-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT413A ETC2-AT413A Datasheet
244Kb / 8P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC-C2 NKK-FP0115CAC1BC-C2_16 Datasheet
176Kb / 4P
   Distinctive Characteristics
logo
List of Unclassifed Man...
E2013 ETC2-E2013 Datasheet
165Kb / 6P
   Distinctive Characteristics
HB16CKW01 ETC1-HB16CKW01 Datasheet
259Kb / 6P
   Distinctive Characteristics
logo
Advanced Micro Devices
AM27S33PC AMD-AM27S33PC Datasheet
103Kb / 4P
   DISTINCTIVE CHARACTERISTICS
logo
List of Unclassifed Man...
FP0115CAC1FF ETC2-FP0115CAC1FF Datasheet
347Kb / 4P
   Distinctive Characteristics
A12AH ETC2-A12AH Datasheet
259Kb / 7P
   Distinctive Characteristics
FD1506-A ETC2-FD1506-A Datasheet
828Kb / 4P
   Distinctive features and specifications
DA04T ETC2-DA04T Datasheet
130Kb / 4P
   Distinctive features and specifications
VOY1511R2US ETC2-VOY1511R2US Datasheet
987Kb / 4P
   Distinctive features and specification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com