Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR201 Datasheet(PDF) 1 Page - Lumins Inc.

Part # PR201
Description  Wall mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

PR201 Datasheet(HTML) 1 Page - Lumins Inc.

  PR201 Datasheet HTML 1Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
60
30
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Photometry
6”
PR202 Up light
PR200 Down light
PR201
50% Up light
down light
14 1/2”
Bottom view
15”
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. JUL.2008
Toll free: 888 .401 .6999
UL. Wet Location.
Certification
Mounting & EPA
(Lamps by others)
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
208 V
240 V
277 V
347 V
347 V (To specify)
Smart ballast 120/277
H70
H100
H150
Model#
Voltage
Finish
Options
H.I.D.
COMP. FLUO.
CF (Gx24q)
Single lamp
F157
F170
Luminaries may be altered for design improvements or discontinued without prior notice.
Specification
PERISCOPE
Wall mount
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with a 5 baths
preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated medium base porcelain socket.
- 75W/600V thermoplastic compact fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- Open or closed top with sealed clear tempered lens or sealed
aluminum cover.(Flush mount for dust and debris free.)
2- One piece cast aluminum luminaire housing.
3- Standard type III specular reflector.
4- One piece cast aluminum lens frame.
5- Clear tempered glass.
1
3
4
HPS (ED17)
CF (Gx24q)
Two lamps
F232
F242
F257
F270
MH (ED17)
M70
M100
M150
M175
2
6”
3”
Mounting
PR200 . PR201. PR202
5
L U M I
I
N S
Page
80
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
PR200
PR201
PR202
Accessories
APC4:
Side pole mount
adaptor
Electrical
EM42S: 1 lamp (26/32/42W)
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell
QS:
Standby lamp socket.
QRS:
H.I.D. lamp restrike
Note: EM optional battery test
switch and pilot lamp are
installed remotely. (see page 72)
Max. Max. weight: 38 lbs. Installation: Mounts over a standard
4” octagonal electrical box with 3 1/2” c/c mounting holes.
For options details and
specifications, please refer to
page 42 & 72
PR200 is available with a
side mount pole adaptor.
Please specify
option APC4 & refer to
pages 146 & 147 for details.


Similar Part No. - PR201

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR20 CML-PR20 Datasheet
222Kb / 1P
   B-6 Single Bayonet Base
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
247Kb / 1P
   Appliance Tester/Power Analyzer
PR20 EXTECH-PR20 Datasheet
243Kb / 1P
   Dual Channel, Datalogging, True RMS MultiMeter
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
   Portable Thermal Printer
logo
Visual Communications C...
PR20 VCC-PR20 Datasheet
26Kb / 1P
   Single Bayonet Base
More results

Similar Description - PR201

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
   Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
   Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
   Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
   Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
   Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
   Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
   Wall mount
16.08.2023
SYS1588-W2E SUNNY-SYS1588-W2E Datasheet
909Kb / 2P
   Wall mount
03.10.2022
logo
Lumins Inc.
LX130 LUMINIS-LX130 Datasheet
90Kb / 2P
   Wall mount
LX110 LUMINIS-LX110 Datasheet
98Kb / 2P
   Wall mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com