Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT610 Datasheet(PDF) 1 Page - Lumins Inc.

Part # NT610
Description  Wall mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

NT610 Datasheet(HTML) 1 Page - Lumins Inc.

  NT610 Datasheet HTML 1Page - Lumins Inc. NT610 Datasheet HTML 2Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90
60
30
Standard wall or optional
ceiling mount.
Option: C1 (Ceiling mount)
Maximum 40w for ceiling mount
4”
A.D.A. Compliant.
UL. Wet Location.
Certification
Mounting
Specification
NAUTILUX
Wall mount
NT610 . NT615
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated medium base porcelain socket.
- 75W/600V thermoplastic compact fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- One piece cast aluminum luminaire housing.
2- Semi-specular aluminum reflector.
3- White translucent acrylic diffuser.
4- NT610: One piece cast aluminum cross blades guard.
NT615: Open cast aluminum lens frame.
1
3
2
4
Cross view
Plane view
Max. Max. weight: 7 lbs. Installation: Mounts over a standard
4” octagonal electrical box with 3 1/2” c/c mounting holes.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
(Lamps by others)
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
Model#
Voltage
Finish
Options
NT610
NT615
347 V (To specify)
Smart ballast 120/277
COMP. FLUO.
Luminaires may be altered for design improvements or discontinued without prior notice.
CF (Gx24q)
Single lamp
F118
F126
F132
CF (Gx24q)
Two lamps
F218
F226
INC. (T10)
T60 (60W)
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
L U M I
I
N S
Photometry
For options details and specifications,
please refer to page 72
Page
67
Accessories
SWK:
Surface mount
connection box.
C1:
Surface ceiling
mounting kit.
Max. 40W
NT610
NT615


Similar Part No. - NT610

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
NT600 LUMINIS-NT600 Datasheet
105Kb / 2P
   Wall mount
NT605 LUMINIS-NT605 Datasheet
229Kb / 2P
   Cast aluminum enclosed housing
NT625 LUMINIS-NT625 Datasheet
836Kb / 2P
   Cast aluminum enclosed ballast housing.
NT625 LUMINIS-NT625 Datasheet
229Kb / 2P
   Cast aluminum enclosed housing
NT625C LUMINIS-NT625C Datasheet
196Kb / 2P
   Cast aluminum enclosed driver housing
More results

Similar Description - NT610

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
   Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
   Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
   Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
   Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
   Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
   Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
   Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
   Wall mount
16.08.2023
SYS1588-W2E SUNNY-SYS1588-W2E Datasheet
909Kb / 2P
   Wall mount
03.10.2022
logo
Lumins Inc.
LX130 LUMINIS-LX130 Datasheet
90Kb / 2P
   Wall mount
LX110 LUMINIS-LX110 Datasheet
98Kb / 2P
   Wall mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com