Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT23L Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WT23L
Description  Environmentally Sealed Toggles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WT23L Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  WT23L Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WT23L Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WT23L Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WT23L Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. WT23L Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. WT23L Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Environmentally Sealed Toggles
Series WT
PANEL CUTOUT & THICKNESS
STANDARD HARDWARE
OPTIONAL ACCESSORIES
Maximum Effective Panel Thickness with Standard Hardware: .157” (4.0mm)
Maximum Effective Panel Thickness with optional Boot Assemblies: .063” (1.6mm)
AT503M Hex Face Nut
Material: Brass with Chrome Plating
1 supplied with each switch
AT508 Internal Tooth Lockwasher
Material: Steel with Zinc/Chromate
1 supplied with each switch
AT401P O-ring
Material: Natural Rubber
1 supplied with each switch
AT401A for Oil Resistance
Boot Material:
Black nitrile butadiene rubber
Hex Nut Material & Finish:
Nickel plated brass
O-ring Material: Natural rubber
AT401H for Dust & Ozone Resistance
Boot Material:
Gray ethylene propylene rubber
Hex Nut Material & Finish:
Nickel plated brass
O-ring Material: Natural rubber
Note: When using boot assemblies AT401A/H/S or AT4181, also use o-ring AT401P
from the standard hardware supplied. Hex face nut AT503M and lockwasher AT508
are not used with these boot assemblies.
Boot Assemblies for High Particulate Contamination Applications
(16.0)
.630
(2.4)
.094
(12.1) Dia
.476
(17.5) Dia
.689
(1.5)
.059
(10.0)
.394
(16.0) Dia
.630
(17.0)
.669
M12 P1
(11.7)
.461
(1.5)
.059
(12.1) Dia
.476
(17.5) Dia
.689
Boot
Hex Nut
O-ring
(12.1)
.476
(15.8) Dia
.622
(13.8) Dia
.543
(0.5)
.020
(1.0)
.039
AT401S for Retention of Flexibility,
Resilience & Tensile Strength
Over Wide Temperature Range
Boot Material: Black silicone rubber
Hex Nut Material & Finish:
Nickel plated brass
O-ring Material: Natural rubber
(14.3)
.563
M12 P1
AT4181 Splashproof Boot Assembly
Boot Material:
Black Silicon rubber
Nut Material & Finish:
Nickel plated brass
O-ring Material: Natural rubber
(8.0) Dia
.315
(24.3)
.957
(14.8)
.583
(18.6)
.732
(13.8) Dia
.543
(21.5) Dia
.846
(1.6)
.063
(1.0)
.039
Boot
O-ring
Panel
O-ring
(18.6)
.732
(14.8)
.583
(24.3)
.957
(21.5) Dia
.846
(8.0) Dia
.315
M12 P1
(1.0)
.039
(12.1) Dia
.476
(17.5) Dia
.689
Boot
& Nut
O-ring
(16.0) Dia
.630
(11.7)
.461
(10.0)
.394
(13.2)
.520
(17.0) Dia
.669
(17.5) Dia
.689
(3.5)
.138
(5.5)
.217
~
(1.6) Max
.063
Boot
Hex Nut
O-ring
Panel
O-ring
(11.2)
.441
(12.5) Dia
.492


Similar Part No. - WT23L

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
WT23L NKK-WT23L Datasheet
197Kb / 7P
   General Specifications
More results

Similar Description - WT23L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com