Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W768 Datasheet(PDF) 3 Page - Lumins Inc.

Part # W768
Description  Post top mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W768 Datasheet(HTML) 3 Page - Lumins Inc.

  W768 Datasheet HTML 1Page - Lumins Inc. W768 Datasheet HTML 2Page - Lumins Inc. W768 Datasheet HTML 3Page - Lumins Inc. W768 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
ACW1
27”
17 3/4”
ACA1/ ACW1 -1” x 3” extruded aluminum side pole or wall mounting adaptor.
1/2” dia. stainless steel rod support. 10” x 4” o.dia. aluminum tenon.
10”
16”
11 1/2”
6 3/8”
10 1/2”
6 1/8”
28”
4 1/2”
17 3/4”
ACA1
Wall mount
4 5/8”
3”
EC3PS -1” x 3” extruded
aluminum twin short arm side
pole mounting adaptor designed
to fit with 4 to 5” dia. poles.
16” lg. X4” o.d. tenon. This option
is applicable only to catalog
numbers with the suffix LS
EC3WS -1” x 3” extruded
aluminum twin short arm mounting
adaptor designed for wall
installation, with a set of two cast
aluminum mounting plates.
This option is applicable only to
catalog numbers with the suffix LS
Pole mount
ECLIPSE
OPTIONAL MOUNTING AND ACCESSORIES
Power
Power
Power
ACW1 series
Mounting
4 5/8”
3”
6 1/8
6 1/8”
17 3/8”
EC3W
EC3WS
series
Mounting
Power
EC3W -1” x 3” extruded aluminum
twin extended arm mounting
adaptor designed for wall
installation, with a set of two cast
aluminum mounting plates.
Please specify selected option with a suffix to the specified model number.
Ex: W624LS-EC3WS-EC5 M100-WHT
Power
EPA:0.7
3 1/2”
2 1/2”
18”
.093” thick hard aluminum factory
prefixed dropped shade. The
underside is standard white
enamel to optimize lighting
performance. The shade can slide
along the diffuser to
accommodate various landscape
viewing angles.
3/16” thick cast aluminum shade
for applications where heavy
traffic requires indestructible
materials. The underside is
standard white enamel to optimize
lighting performance. The shade
can slide along the diffuser to
accommodate various landscape
viewing angles.
30”
23”
2 1/2”
2 1/2”
30”
2 1/2”
25”
Pier or short wall top mount
6” dia.
2” dia.power entry.
(3) 5/8” dia.
mounting holes
@ 120º
8” dia.
Option: PR7
Option: EC5
30”dia. aluminum single
adjustable dropped shade
18” dia. cast aluminum
adjustable shade
Option: EC7
23/30”dia. aluminum double
adjustable dropped shade
Set of two .093” thick hard
aluminum shades factory
prefixed. The underside is
standard white enamel to optimize
lighting performance. The set of
shades can slide along the
diffuser to accommodate various
landscape viewing angles.
Note: The distance between the
two shades is fixed.
Option: EC6
Short bollard
stand.
Compatible with
all bollard
luminaires.
Add. PR7 as
suffix to the
selected bollard
model.
Luminaires may be altered for design improvements or discontinued without prior notice.
EPA:0.72
16”
18 3/8”
7 1/4”
Power
EC3P -1” x 3” extruded
aluminum twin extended
arm side pole mounting
adaptor designed to fit with
4 to 5” dia. poles.
16” lg. X4” o.d. tenon.
EPA:0.97
EPA:0.25
EPA:0.44
EPA:0.26
L U M I
I
N S
Page
42
Compatible with:
ACA1
EC3P
ACW1
EC3W
Compatible with:
ACA1
EC3P
EC3PS
ACW1
EC3W
EC3WS
Compatible with:
ACA1
EC3P
ACW1
EC3W
Compatible with:
W788 TO W791 Bollard series.


Similar Part No. - W768

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W764M32V-XSBX WEDC-W764M32V-XSBX Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
W764M32V100SB WEDC-W764M32V100SB Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
W764M32V100SBC WEDC-W764M32V100SBC Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
W764M32V100SBI WEDC-W764M32V100SBI Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
W764M32V100SBM WEDC-W764M32V100SBM Datasheet
505Kb / 16P
   64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
More results

Similar Description - W768

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W820 LUMINIS-W820 Datasheet
110Kb / 2P
   Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
   Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
   Post top mount
W606 LUMINIS-W606 Datasheet
196Kb / 4P
   Post top mount
W800 LUMINIS-W800 Datasheet
112Kb / 2P
   Post top mount
W810 LUMINIS-W810 Datasheet
110Kb / 2P
   Post top mount
W624 LUMINIS-W624 Datasheet
203Kb / 4P
   Post top mount
W616 LUMINIS-W616 Datasheet
190Kb / 4P
   Post top mount
LX150PC LUMINIS-LX150PC Datasheet
99Kb / 2P
   Post top mount
W905 LUMINIS-W905 Datasheet
16Kb / 1P
   Post top mount
W708 LUMINIS-W708 Datasheet
188Kb / 4P
   Post top mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com