Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB06KW01 Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # YB06KW01
Description  Complement to YB Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

YB06KW01 Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  YB06KW01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. YB06KW01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. YB06KW01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. YB06KW01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. YB06KW01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. YB06KW01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to YB Pushbuttons
YB Indicators
TYPICAL SWITCH DIMENSIONS
Square • Bushing Mounting
Rectangular • Snap-in Mounting
Round • Panel Seal
YB01KW01-12-CB
YB02WKW01-12-CB
YB06KW01-12-CB
(16.0)
.630
+ 0.2
– 0.0 Dia
(1.2) R
.047
(16.0)
.630
+ 0.2
– 0.0 Dia
(16.0)
.630
+ 0.2
– 0.0 Dia
Panel Thickness
.020” ~ .197” (0.5mm ~ 5.0mm)
Panel Thickness
.020” ~ .197” (0.5mm ~ 5.0mm)
Panel Thickness
.039” ~ .138” (1.0mm ~ 3.5mm)
(15.0) Sq
.591
(18.0) Sq
.709
(10.9)
.429
(7.3)
.288
(24.3)
.957
(9.4)
.370
M15.8 P1
(1.2) x (2.0) Typ
.047 x .079
(8.3)
.327
(2.8) Typ
.110
NC
L
- +
COM
(0.5) Typ
.020
(3.7)
.146
NC
L
- +
COM
(0.5) Typ
.020
(3.7)
.146
(5.3)
.209
(3.0)
.118
(0.5)
.020
(10.9)
.429
(7.3)
.288
(24.3)
.957
(9.4)
.370
M15.8 P1
(1.2) x (2.0) Typ
.047 x .079
(2.8) Typ
.110
(15.0) Dia
.591
(18.0) Dia
.709
NC
L
- +
COM
(0.5) Typ
.020
(3.7)
.146
(2.8) Typ
.110
(1.2) x (2.0) Typ
.047 x .079
(8.3)
.327
(7.3)
.288
(24.3)
.957
(21.0)
.827
(24.0)
.945
(15.0)
.591
(18.0)
.709


Similar Part No. - YB06KW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB06KW01-02-JB NKK-YB06KW01-02-JB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
YB06KW01-05-BB NKK-YB06KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
YB06KW01-05-CB NKK-YB06KW01-05-CB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
YB06KW01-05-EB NKK-YB06KW01-05-EB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
YB06KW01-05-FB NKK-YB06KW01-05-FB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
More results

Similar Description - YB06KW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
KB01KW01-05 NKK-KB01KW01-05 Datasheet
162Kb / 5P
   Complement to KB Pushbuttons
HB01KW01-5C-CB NKK-HB01KW01-5C-CB Datasheet
82Kb / 2P
   Complement to HB Pushbuttons
LB01KW01-05-BJ NKK-LB01KW01-05-BJ Datasheet
198Kb / 5P
   Complement to LB Pushbuttons
UB01KW015C NKK-UB01KW015C Datasheet
112Kb / 3P
   Complement to UB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com