Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S31 Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S31
Description  Medium/High Capacity Standard Size Toggles
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S31 Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button S31 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Medium/High Capacity Standard Size Toggles
Series S
Electrical Capacity (Resistive & Inductive Load)
Power Level:
Shown in the following tables
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum for 1 minute minimum
Mechanical Life:
50,000 operations minimum for all other models
Electrical Life:
15,000 operations minimum
Angle of Throw (α):
Shown in tables on following pages
Materials & Finishes
Toggle:
Brass with chrome plating
Bushing:
Brass with chrome plating
Case:
Melamine phenol
Case Cover:
Steel with chromate plating over zinc plating
Movable Contactor:
Copper with silver plating
Movable Contacts:
Silver alloy capped on copper with silver plating
Stationary Contacts:
Silver alloy capped on copper with silver plating
Terminals:
Brass with silver plating
Environmental Data
Operating Temp Range:
–10°C through +70°C (+14°F through +158°F)
Installation
Mounting Torque:
2.94Nm (26 lbin) for double nut
Maximum Panel Thickness:
Shown beneath panel cutout in switch dimension drawings
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
GENERAL SPECIFICATIONS FOR S421 ~ S429


Similar Part No. - S31

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
S31 WINNERJOIN-S31 Datasheet
132Kb / 2P
   SMC
logo
PANDUIT CORP.
S31-175-L PANDUIT-S31-175-L Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S31-175-L0 PANDUIT-S31-175-L0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
RFE international
S310 RFE-S310 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-11-2022
logo
Pan Jit International I...
S310 PANJIT-S310 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
More results

Similar Description - S31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2AL ETC2-S2AL Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
logo
Nihon Kaiheiki Industry...
S821 NKK-S821 Datasheet
165Kb / 4P
   High Capacity Standard Size Toggles
S114 NKK-S114 Datasheet
64Kb / 1P
   Low Capacity Standard Size Toggles
SW3001A NKK-SW3001A_16 Datasheet
223Kb / 4P
   Medium Capacity Rockers
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
Ultralife Corporation.
U10026 ULTRALIFE-U10026 Datasheet
952Kb / 3P
   3 Volt, D-Size Cell High Capacity
Rev: C
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com