Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S31 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S31
Description  Medium/High Capacity Standard Size Toggles
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S31 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  S31 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S31 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Medium/High Capacity Standard Size Toggles
Series S
(16.0)
.630
Keyway
(17.5)
.689
(12.0)
.472
(17.4)
.685
(11.0)
.433
(9.42)
.371
32
°
(6.1) Dia
.240
M12 P1
(1.5) Dia Typ
.060
(0.8) Typ
.031
(28.5)
1.122
3
1
(6.35) Typ
.250
(7.5) Typ
.295
Maximum
Panel Thickness:
.185” (4.7mm)
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Maximum
Panel Thickness:
.185” (4.7mm)
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
(19.0)
.748
Keyway
(6.35) Typ
.250
(7.9)
.311
(17.5)
.689
(12.0)
.472
(30.3)
1.193
(11.7)
.461
α
M12 P1
(1.5) Dia Typ
.060
(7.5) Typ
.295
(6.1) Dia
.240
(33.2)
1.307
6
5
4
1
3
2
(0.8) Typ
.031
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
S301F
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
S332F
S331F does not have terminals 2 & 5
DOUBLE POLE WITH QUICK CONNECT
Toggle Position/Connected Terminals
( ) = Momentary
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S331F
DPST
ON
1-3 4-6
NONE
OFF
25A
25A
25A
10A
25°
S332F
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
25A
15A
25A
10A
25°
S333F
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
25A
15A
25A
10A
30°
S335F
DPDT
ON
2-3 5-6
NONE
(ON)
2-1 5-4
15A
6A
20A
8A
25°
Throw &
Schematics:
DPST
Keyway
DPDT
R
R
R
R
4
6
1
3
2
5
(COM)
6
4
INTERNAL
CONNECTION
3
1
R
R
R
R
Note: Terminal numbers are
actually on the switch
SINGLE POLE WITH QUICK CONNECT
Toggle Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S301F
SPST
ON
1-3
NONE
OFF
15A
6A
20A
10A
32°
Throw &
Schematics:
SPST
Keyway
3
1
INTERNAL
CONNECTION
Note: Terminal numbers are
actually on the switch
R
R


Similar Part No. - S31

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
S31 WINNERJOIN-S31 Datasheet
132Kb / 2P
   SMC
logo
PANDUIT CORP.
S31-175-L PANDUIT-S31-175-L Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S31-175-L0 PANDUIT-S31-175-L0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
RFE international
S310 RFE-S310 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-11-2022
logo
Pan Jit International I...
S310 PANJIT-S310 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
More results

Similar Description - S31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2AL ETC2-S2AL Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
logo
Nihon Kaiheiki Industry...
S821 NKK-S821 Datasheet
165Kb / 4P
   High Capacity Standard Size Toggles
S114 NKK-S114 Datasheet
64Kb / 1P
   Low Capacity Standard Size Toggles
SW3001A NKK-SW3001A_16 Datasheet
223Kb / 4P
   Medium Capacity Rockers
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
List of Unclassifed Man...
SB25B ETC2-SB25B Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
Ultralife Corporation.
U10026 ULTRALIFE-U10026 Datasheet
952Kb / 3P
   3 Volt, D-Size Cell High Capacity
Rev: C
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com