Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S831D Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S831D
Description  High Capacity Standard Size Toggles
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S831D Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  S831D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. S831D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S831D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S831D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
High Capacity Standard Size Toggles
Series S
S822
S833
S831 does not have terminals 1, 4 & 7
S821 does not have terminals 1 & 4
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Keyway
28
°
(22.0)
.866
(12.0)
.472
(34.0)
1.339
(6.1) Dia
.240
M12 P1
M4.5x6
(12.0) Typ
.472
(12.0)
.472
(24.0)
.945
(42.0)
1.654
3
2
1
6
5
4
28
°
(22.0)
.866
(12.0)
.472
(34.0)
1.339
(6.1) Dia
.240
M12 P1
M4.5x6
(12.0) Typ
.472
Keyway
(14.5) Typ
.571
(43.0)
1.693
(42.0)
1.654
3
2
1
9
8
7
6
5
4
Maximum
Panel Thickness:
.177” (4.5mm)
Maximum
Panel Thickness:
.177” (4.5mm)
DOUBLE POLE WITH SCREW LUG
Toggle Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
Motor
Load
AC
125V
AC
250V
DC
30V
DC
125V
AC 125V
PF 0.6
AC 250V
PF 0.6
AC
125V
S821
DPST
ON
2-3 5-6
NONE
OFF
30A
30A
30A
1A
30A
15A
750W
S822
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
30A
30A
30A
1A
30A
15A
S823
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
30A
30A
30A
1A
30A
15A
Throw &
Schematics:
Keyway
R
R
R
4
6
1
3
2
5
(COM)
2
5
(COM)
3
6
Note: Terminal numbers
are on the switch
R
R
R
DPST
DPDT
Toggle Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
AC
125V
AC
250V
DC
30V
DC
125V
AC 125V
PF 0.6
AC 250V
PF 0.6
S831
3PST
ON
2-3 5-6 8-9
NONE
OFF
30A
30A
30A
1A
30A
15A
S832
3PDT
ON
2-3 5-6 8-9
NONE
ON 2-1 5-4 8-7
30A
30A
30A
1A
30A
15A
S833
3PDT
ON
2-3 5-6 8-9
OFF
ON 2-1 5-4 8-7
30A
30A
30A
1A
30A
15A
Throw &
Schematics:
THREE POLE WITH SCREW LUG
Keyway
3PST
3PDT
R
R
R
2
5
(COM)
8
3
1
6
4 9
7
2
5
(COM)
8
3
6
9
Note: Terminal numbers
are on the switch
R
R
R


Similar Part No. - S831D

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8310 SATCO-S8310 Datasheet
122Kb / 1P
   13 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX23 base
logo
Roithner LaserTechnik G...
S83100MG ROITHNER-S83100MG Datasheet
603Kb / 5P
   multi mode
logo
Satco Products, Inc.
S8311 SATCO-S8311 Datasheet
122Kb / 1P
   13 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; GX23 base
S8313 SATCO-S8313 Datasheet
122Kb / 1P
   13 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; GX23 base
S8314 SATCO-S8314 Datasheet
123Kb / 1P
   9 watt; pin-based Double Twin Compact Fluorescent; 2700K; 82 CRI; G23-2 base
More results

Similar Description - S831D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S301 NKK-S301 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
List of Unclassifed Man...
S2AL ETC2-S2AL Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
logo
Nihon Kaiheiki Industry...
S114 NKK-S114 Datasheet
64Kb / 1P
   Low Capacity Standard Size Toggles
logo
Ultralife Corporation.
U10026 ULTRALIFE-U10026 Datasheet
952Kb / 3P
   3 Volt, D-Size Cell High Capacity
Rev: C
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
logo
Nihon Kaiheiki Industry...
TL22DCAW015C NKK-TL22DCAW015C Datasheet
139Kb / 5P
   Fully Illuminated Toggles
logo
List of Unclassifed Man...
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com