Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK22AG13 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SK22AG13
Description  Process Sealed Keylocks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SK22AG13 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  SK22AG13 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SK22AG13 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SK22AG13 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SK22AG13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. SK22AG13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. SK22AG13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Process Sealed Keylocks
Series SK
TYPICAL SWITCH ORDERING EXAMPLE
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
SK24EG30
PC TERMINALS
13
Straight with Bracket
30
Right Angle
CIRCUITS & KEY-REMOVABLE POSITIONS
Code
Pos. 1
Pos. 2
Pos. 3
Key Removes
2A
ON
NONE
ON
Positions 1 and 3
2B
ON
NONE
ON
Position 1
5B
ON
NONE
(ON)
Position 1
*4D
ON
ON
ON
Positions 1, 2, 3
*4E
ON
ON
ON
Position 2
( ) = Momentary
*Can be used as ON-OFF-ON circuit
CONTACT MATERIAL
G
Gold Rated 0.4VA
@ 28V AC/DC
SK
4E
2
G
30
POLES
1
SPDT
SP3T
2
DPDT
DP3T
Right Angle PC Terminals
2 keys supplied
with each switch
Gold Contacts Rated 0.4VA
DP3T ON-ON-ON Circuit
Key Removable in Position 2
Supplied with
Polyvinyl Chloride Boot


Similar Part No. - SK22AG13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK22A TSC-SK22A Datasheet
49Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SK22A CITC-SK22A Datasheet
164Kb / 3P
   2A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK22A TSC-SK22A Datasheet
172Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SK22A FS-SK22A Datasheet
189Kb / 3P
   VOLTAGE 20V ~ 60V 2.0AMP Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK22A GOOD-ARK-SK22A Datasheet
155Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
More results

Similar Description - SK22AG13

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
CKM12AFW01 NKK-CKM12AFW01 Datasheet
256Kb / 6P
   High Security Keylocks
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com