Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC1003ASO8X Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC1003ASO8X
Description  Low Distortion, Low Offset, RRIO Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003ASO8X Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC1003ASO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = 1kΩ, RL = 1kΩ to GND, G = 2; unless otherwise noted.
THD vs. Frequency at VS = 3V
2nd Harmonic Distortion vs. VOUT at VS = 3V
3rd Harmonic Distortion vs. VOUT at VS = 3V
2nd Harmonic Distortion vs. RL at VS = 3V
3rd Harmonic Distortion vs. RL at VS = 3V
-100
-90
-80
-70
-60
-50
-40
100
200
300
400
500
600
700
800
900
1000
Frequency (KHz)
RL = 100Ω
VOUT = 2Vpp
RL = 10KΩ
RL = 1KΩ
RL = 500Ω
-100
-90
-80
-70
-60
-50
-40
100
200
300
400
500
600
700
800
900
1000
Frequency (KHz)
RL = 100Ω
VOUT = 2Vpp
RL = 10KΩ
RL = 1KΩ
RL = 500Ω
-100
-90
-80
-70
-60
-50
-40
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Output Amplitude (Vpp)
RF=RL=10K
RF=RL=1K
FREQ = 500KHz
-100
-90
-80
-70
-60
-50
-40
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Output Amplitude (Vpp)
RF=RL=10K
RF=RL=1K
FREQ = 500KHz
-100
-95
-90
-85
-80
-75
-70
-65
100
200
300
400
500
600
700
800
900
1000
Frequency (kHz)
VOUT = 1Vpp
RL = 1K
AV+1


Similar Part No. - CLC1003ASO8X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1003 EXAR-CLC1003 Datasheet
1Mb / 17P
   Low Distortion, Low Offset, RRIO Amplifier
CLC1003ISO8EVB EXAR-CLC1003ISO8EVB Datasheet
1Mb / 17P
   Low Distortion, Low Offset, RRIO Amplifier
CLC1003ISO8MTR EXAR-CLC1003ISO8MTR Datasheet
1Mb / 17P
   Low Distortion, Low Offset, RRIO Amplifier
CLC1003ISO8X EXAR-CLC1003ISO8X Datasheet
1Mb / 17P
   Low Distortion, Low Offset, RRIO Amplifier
CLC1003IST5EVB EXAR-CLC1003IST5EVB Datasheet
1Mb / 17P
   Low Distortion, Low Offset, RRIO Amplifier
More results

Similar Description - CLC1003ASO8X

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CLC1003 EXAR-CLC1003 Datasheet
1Mb / 17P
   Low Distortion, Low Offset, RRIO Amplifier
CLC2023 EXAR-CLC2023 Datasheet
1Mb / 18P
   Dual, Low Distortion, Low Offset, RRIO Amplifier
logo
Texas Instruments
OP-07 TI1-OP-07 Datasheet
373Kb / 8P
[Old version datasheet]   Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
[Old version datasheet]   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
OP-07 NSC-OP-07 Datasheet
124Kb / 6P
   Low Offset, Low Drift Operational Amplifier
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com