Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK3402CTQ48 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK3402CTQ48
Description  8-bit, 100/150MSPS, Triple Video DACs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3402CTQ48 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK3402CTQ48 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3402CTQ48 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3402CTQ48 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3402CTQ48 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3402CTQ48 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3402CTQ48 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3402CTQ48 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3402CTQ48 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3402CTQ48 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Pin Configuration
TQFP-48
GND
G0
G1
G2
G3
G4
G5
G6
G7
BLANK
VDD
RREF
VREF
COMP
IOG
IOR
VDD
VDD
IOB
GND
GND
NC
1
2
3
4
5
6
7
8
9
10
SYNC
11
12
36
35
34
33
32
31
30
29
28
27
CLOCK
26
25
TQFP
CDK3402/3403
Pin Assignments
Pin No.
Pin Name
Description
clock and pixel i/o
26
CLK
Clock Input
47-40
R7-0
Red Pixel Data Inputs
9–2
G7-0
Green Pixel Data Inputs
23–16
B7-0
Blue Pixel Data Inputs
controls
11
SYNC
Sync Pulse Input
10
BLANK
Blanking Input
Video outputs
33
IOR
Red Current Output
32
IOG
Green Current Output
29
IOB
Blue Current Output
Voltage reference
35
VREF
Voltage Reference Output/Input
36
RREF
Current-Setting Resistor
34
COMP
Compensation Capacitor
power and Ground
12, 30, 31
VDD
Power Supply
1, 14, 15,
27, 28, 38,
39, 48
GND
Ground
13, 24, 25,
37
NC
No Connect


Similar Part No. - CDK3402CTQ48

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK3400 CADEKA-CDK3400 Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Cadeka Microcircuits LL...
CDK3400CTQ48 CADEKA-CDK3400CTQ48 Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Exar Corporation
CDK3400CTQ48 EXAR-CDK3400CTQ48 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Cadeka Microcircuits LL...
CDK3400CTQ48Y CADEKA-CDK3400CTQ48Y Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results

Similar Description - CDK3402CTQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Cadeka Microcircuits LL...
CDK3400 CADEKA-CDK3400 Datasheet
994Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
logo
Maxim Integrated Produc...
MAX1114 MAXIM-MAX1114 Datasheet
114Kb / 12P
   8-Bit, 150Msps Flash ADC
19-1101; Rev 0; 6/96
logo
Motorola, Inc
MC44250 MOTOROLA-MC44250 Datasheet
1Mb / 17P
   Triple 8-Bit Video ADC
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
CDK3405 EXAR-CDK3405 Datasheet
934Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com