Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK3400CTQ48 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CDK3400CTQ48
Description  10-bit, 100/150MSPS, Triple Video DACs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3400CTQ48 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CDK3400CTQ48 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK3400CTQ48 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
R9-0
G9-0
B9-0
+5V
0.1µF
10µF
VDD
GND
CDK3400/3401
Triple 10-bit D/A Converter
CLK
SYNC
BLANK
RED PIXEL
INPUT
GREEN PIXEL
INPUT
BLUE PIXEL
INPUT
CLOCK
SYNC
BLANK
COMP
VREF
RREF
+5V
0.1µF
0.1µF
560Ω
3.3kΩ
(not required without external reference)
LM185-1.2
(Optional)
IOR
IOG
IOB
75Ω
75Ω
75Ω
75Ω
75Ω
75Ω
Zo = 75Ω
Red
Green w/Sync
Blue
Zo = 75Ω
Zo = 75Ω
Figure 9. Typical Interface Circuit Diagram
Printed Circuit Board Layout
Designing with high-performance mixed-signal circuits
demands printed circuits with ground planes. Overall
system performance is strongly influenced by the board
layout. Capacitive coupling from digital to analog circuits
may result in poor D/A conversion. Consider the following
suggestions when doing the layout:
1. Keep the critical analog traces (VREF, IREF, COMP, IOS,
IOR, IOG) as short as possible and as far as possible
from all digital signals. The CDK3400/3401 should be
located near the board edge, close to the analog out-put
connectors.
2. Power plane for the CDK3400/3401 should be separate
from that which supplies the digital circuitry. A single
power plane should be used for all of the VDD pins. If
the power supply for the CDK3400/3401 is the same
as that of the system’s digital circuitry, power to the
CDK3400/3401 should be decoupled with 0.1µF and
0.01µF capacitors and iso-lated with a ferrite bead.
3. The ground plane should be solid, not cross-hatched.
Connections to the ground plane should have very short
leads.
4. If the digital power supply has a dedicated power plane
layer, it should not be placed under the CDK3400/3401,
the voltage reference, or the analog outputs. Capacitive
coupling of digital power supply noise from this layer
to the CDK3400/3401 and its related analog circuitry can
have an adverse effect on performance.
5. CLK should be handled carefully. Jitter and noise on this
clock will degrade performance. Terminate the clock line
carefully to eliminate overshoot and ringing.
Evaluation boards are available (CEB3400 and CEB3401),
contact CADEKA for more information.
Related Products
n
CDK3402/3403 Triple 8-bit 100/150MSPS DACs
n
CDK3404 Triple 8-bit 180MSPS DAC
Applications Dicussion
Figure 9 below illustrates a typical CDK3400/3401 inter-
face circuit. In this example, an optional 1.2V bandgap
reference is connected to the VREF output, overriding the
internal voltage reference source.
Grounding
It is important that the CDK3400/3401 power supply is well-
regulated and free of high-frequency noise. Careful power
supply decoupling will ensure the highest quality video
signals at the output of the circuit. The CDK3400/3401 has
separate analog and digital circuits. To keep digital system
noise from the D/A converter, it is recommended that
power supply voltages (VDD) come from the system analog
power source and all ground connections (GND) be made
to the analog ground plane. Power supply pins should be
individually decoupled at the pin.


Similar Part No. - CDK3400CTQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3400CTQ48 EXAR-CDK3400CTQ48 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
More results

Similar Description - CDK3400CTQ48

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
   10-bit, 100/150MSPS, Triple Video DACs
logo
Cadeka Microcircuits LL...
CDK3402 CADEKA-CDK3402 Datasheet
996Kb / 11P
   8-bit, 100/150MSPS, Triple Video DACs
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
   8-bit, 180MSPS, Triple Video DACs
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
   TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com