Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2T12S4A5G06 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T12S4A5G06
Description  Process Sealed Miniature Toggles
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T12S4A5G06 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T12S4A5G06 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T12S4A5G06 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T12S4A5G06 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T12S4A5G06 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T12S4A5G06 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T12S4A5G06 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T12S4A5G06 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Miniature Toggles
Series M2
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note:
Terminal numbers are not
actually on the switch.
SP
M2T12
M2T13
M2T15
M2T18
M2T19
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2T22
M2T23
M2T25
M2T28
M2T29
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN
2-1 5-4
DPDT
ACTUATORS
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
Gold over Silver
POLES & CIRCUITS
2 (COM)
1
3
4
6
1
3
2
5
(COM)
S
G
A
CONTACT MATERIALS & RATINGS
Material:
Chrome over brass
Material:
Chrome over brass
Standard Combinations: S Bat Lever with straight terminals
(code 03) with silver or gold contacts.
Complete explanation of operating range in Supplement section.
Power Level
6A @ 125V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
.500” (12.7mm)
Bat Lever
S4
.300” (7.62mm)
Bat Lever
Standard Combinations: S4 Bat Lever with bracketed terminals
(codes 13, 30, 40) with silver or gold contacts.
26
°
(2.8) Dia
.110
(12.7)
.500
26
°
(7.62)
.300
(2.7) Dia
.106
BUSHING
.250” (6.35mm) Double Flatted
A5
(6.2)
.244
(6.35)
.250
(5.2)
.205
(6.8)
.268


Similar Part No. - M2T12S4A5G06

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T12S4A5G06 NKK-M2T12S4A5G06 Datasheet
184Kb / 8P
   General Specifications
More results

Similar Description - M2T12S4A5G06

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
   Process Sealed Ultra-Miniature SMT Toggles
logo
Nihon Kaiheiki Industry...
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
   Ultra-Miniature Process Sealed SMT Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com