Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT5230 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # BZT5230
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZT5230 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  BZT5230 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZT5230 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZT5230 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 12/01/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BZT52 Series
Zener Voltage Range
Maximum Zener Impedance
1)
Reverse Leakage Current
Temp. Coefficient of
Zener Voltage
Vznom
3)
lZT
rZJT
rZJK
at
IZK
IR
2)
at
VR
TKVZ
Type
V
mA
mA
µA
V
%/K
BZT5269
87
1.4
< 370
< 2200
0.25
< 0.1
68
<+0.099
BZT5270
91
1.4
< 400
< 2300
0.25
< 0.1
69
<+0.099
BZT5271
100
1.3
< 500
-
-
< 0.1
75
<+0.100
BZT5272
110
1.2
< 700
-
-
< 0.1
83
<+0.100
BZT5273
120
1.0
< 950
-
-
< 0.1
90
<+0.100
BZT5274
130
0.95
< 1100
-
-
< 0.1
98
<+0.110
BZT5275
140
0.90
< 1300
-
-
< 0.1
105
<+0.110
BZT5276
150
0.85
< 1500
-
-
< 0.1
113
<+0.110
BZT5277
160
0.80
< 1700
-
-
< 0.1
120
<+0.115
BZT5278
170
0.74
< 1900
-
-
< 0.1
127
<+0.115
BZT5279
180
0.68
< 2200
-
-
< 0.1
135
<+0.120
BZT5280
190
0.66
< 2400
-
-
< 0.1
142
<+0.120
BZT5281
200
0.65
< 2500
-
-
< 0.1
150
<+0.120
1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value equal to 10% of the
Zener Current (IZT or IZK) is superimposed on IZT or IZK .Zener Impedance is measured at two points to insure a sharp knee on the
breakdown curve and to eliminate unstable units.
2) Measured under thermal equilibrium and DC test conditions.
3) Tested with pulses tp = 20 ms.


Similar Part No. - BZT5230

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BZT52 UTC-BZT52 Datasheet
104Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Vishay Siliconix
BZT52 VISHAY-BZT52 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
BZT52 VISHAY-BZT52 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
01-Jan-2022
logo
Pan Jit International I...
BZT52-B10 PANJIT-BZT52-B10 Datasheet
96Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-B10 PANJIT-BZT52-B10 Datasheet
75Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT5230

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com