Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDK2307AILP64 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # CDK2307AILP64
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307AILP64 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  CDK2307AILP64 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK2307AILP64 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK2307AILP64 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK2307AILP64 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK2307AILP64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2307AILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2307AILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2307AILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307AILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
4
Data Sheet
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper device
function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
AVDD, AVSS
-0.3
+2.3
V
DVDD, DVSS
-0.3
+2.3
V
AVSS, DVSSCLK, DVSS, OVSS
-0.3
+0.3
V
OVDD, OVSS
-0.3
+3.9
V
CKP, CKN, DVSSCLK
-0.3
+3.9
V
Analog inputs and outpts (IPx, INx, AVSS)
-0.3
+2.3
V
Digital inputs
-0.3
+3.9
V
Digital outputs
-0.3
+3.9
V
Reliability Information
Parameter
Min
Typ
Max
Unit
Junction Temperature
-40
85
°C
Storage Temperature Range
-60
+150
°C
Lead Temperature (Soldering, 10s)
J-STD-020
°C
ESD Protection
Product
QFN-64
TQFP-64
Human Body Model (HBM)
TBD
2kV
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range
-40
+85
°C


Similar Part No. - CDK2307AILP64

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK2307AILP64 CADEKA-CDK2307AILP64 Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK2307AILP64 EXAR-CDK2307AILP64 Datasheet
908Kb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
More results

Similar Description - CDK2307AILP64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
   Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK2308 EXAR-CDK2308 Datasheet
896Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Cadeka Microcircuits LL...
CDK2308 CADEKA-CDK2308_09 Datasheet
1,009Kb / 15P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
CDK2308 CADEKA-CDK2308 Datasheet
1Mb / 14P
   Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
   Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
logo
Exar Corporation
CDK1308 EXAR-CDK1308 Datasheet
947Kb / 14P
   Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com