Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR7810-03W Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # SR7810-03W
Description  Low Cost, 1A Output Non-isolated POL Switching Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SR7810-03W Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  SR7810-03W Datasheet HTML 1Page - MicroPower Direct, LLC SR7810-03W Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
RoHS Compliant
Key Features:
Efficiency to 96%
1A Output Current
Compact SIP Case
LM78xx Replacement
Wide Input Range
Short Circuit Protected
Thermal Shutdown
Low Noise
SR7810
Low Cost, 1A Output
Non-isolated POL
Switching Regulators
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
±3.0
%
Line Regulation
Vin = Min to Max
±0.2
±0.4
%
Load Regulation
Iout = 10% to 100%
±0.4
±0.6
%
Ripple & Noise (20 MHz)
20
35
mV P - P
Dynamic Load Stability
See Note 1
±100
mV
Output Power Protection
120
%
Thermal Shutdown
See Note 2
150
°C
Quiescent Current
See Note 3
5
7
mA
Output Current Limit
2,000
mA
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Not Isolated
Switching Frequency
280
330
450
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Operating Temperature Range
Case
+100
°C
Storage Temperature Range
-55
+125
°C
Lead Temperature
1.5 mm From Case For 10 Sec
300
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.45 x 0.35 x 0.69 Inches (11.5 x 8.90 x 17.50 mm)
Case Material
Non-Conductive Black Plastic (UL-94V0)
Weight
0.13 Oz (3.7g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
2.0
MHours
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - SR7810-03W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SR7810015W MPD-SR7810015W Datasheet
346Kb / 2P
   SR7810 SERIES
SR7810018W MPD-SR7810018W Datasheet
346Kb / 2P
   SR7810 SERIES
SR781002W MPD-SR781002W Datasheet
346Kb / 2P
   SR7810 SERIES
SR781003W MPD-SR781003W Datasheet
346Kb / 2P
   SR7810 SERIES
SR781005W MPD-SR781005W Datasheet
346Kb / 2P
   SR7810 SERIES
More results

Similar Description - SR7810-03W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SR7815 MPD-SR7815 Datasheet
357Kb / 2P
   Low Cost, 1.5A Output Non-isolated POL Switching Regulators
SRM7810 MPD-SRM7810 Datasheet
295Kb / 2P
   Miniature, 1A Output Non-isolated POL Switching Regulators
MSR7805W MPD-MSR7805W Datasheet
1Mb / 4P
   Low Cost, Non-isolated Wide Input, Single Output POL Switching Regulators
MSR7810W MPD-MSR7810W Datasheet
1Mb / 4P
   Low Cost, Non-isolated Wide Input, Single Output POL Switching Regulators
SR7805 MPD-SR7805 Datasheet
234Kb / 2P
   Low Cost, Non-isolated Ultra-Miniature SIP POL Switching Regulators
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
   Miniature, Non-isolated 5A Output, Switching POL Regulators
SRS10A-12 MPD-SRS10A-12 Datasheet
593Kb / 4P
   Miniature, Non-isolated 10A Output, Switching POL Regulators
SRU7805W MPD-SRU7805W Datasheet
411Kb / 2P
   Ultra-Wide Input, 0.5A Non-isolated POL Switching Regulators
LSR7805 MPD-LSR7805 Datasheet
389Kb / 2P
   Low Cost, Miniature 500 mA Surface Mount POL Switching Regulators
SRL05A MPD-SRL05A Datasheet
564Kb / 4P
   Miniature Surface Mount 5A Output, Switching POL Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com