Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS-200-12 Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MPS-200-12
Description  Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPS-200-12 Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MPS-200-12 Datasheet HTML 1Page - MicroPower Direct, LLC MPS-200-12 Datasheet HTML 2Page - MicroPower Direct, LLC MPS-200-12 Datasheet HTML 3Page - MicroPower Direct, LLC MPS-200-12 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1
2
3
4
5
6
Assignment
PG
RS-
GND
RC+
RS+
RC-
TKP DH2-2*3
Terminal
TKP DHT
1,2,3,4
5~11
12,13
14
15
16
1
2
3
Assignment
Assignment
V1
COM
V2
V3
V4
AC/N
AC/L
JST VHR
JST VHR
JST SVH-21T-P1.1
JST SVH-21T-P1.1
Terminal
Terminal
90
100
115
140 160 180 200 220 240
264
100
90
80
70
60
50
40
10
20
30
40
50
60
70
20
40
60
80
100
-20
0
MPT/Q-200
MPD-200
MPT/Q-200
MPD-200
6.35[0.25"]
-200)
LED
SVR1
3
1
CN4
165.1[6.5"]
177.8[7"]
4- 3.96[0.156"]
4
6
5
2
2
1
FG
CN1
3
16
CN3
CN2
1
FAN
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
MPx-200
Low Cost, EN60601 (Medical) Approved, 200W AC/DC Power Supplies
Series


Similar Part No. - MPS-200-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-200-12 ASTRODYNE-MPS-200-12 Datasheet
439Kb / 4P
   200W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPS-200-12 MEANWELL-MPS-200-12 Datasheet
323Kb / 4P
   1~4 Output Medical Type
MPS-200-12 MEANWELL-MPS-200-12 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPS-200-12 MEANWELL-MPS-200-12 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPS-200-12 MEANWELL-MPS-200-12 Datasheet
325Kb / 4P
   1~4 Output Medical Type
More results

Similar Description - MPS-200-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPS-65 MPD-MPS-65 Datasheet
704Kb / 2P
   Low Cost, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-45 MPD-MPS-45 Datasheet
604Kb / 2P
   Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-30 MPD-MPS-30 Datasheet
890Kb / 2P
   Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
MPD-45 MPD-MPD-45 Datasheet
565Kb / 2P
   Dual Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-65 MPD-MPT-65 Datasheet
524Kb / 2P
   Triple Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPD-65 MPD-MPD-65 Datasheet
661Kb / 2P
   Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-45 MPD-MPT-45 Datasheet
410Kb / 2P
   Triple Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
   200W Medical Grade AC/DC Power Supplies
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
   200W Compact AC/DC Power Supplies
logo
Astrodyne Corporation
MPS-200 ASTRODYNE-MPS-200 Datasheet
439Kb / 4P
   200W 1~4 Output for Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com