Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55C51 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # ZMM55C51
Description  Surface Mount Zener Dio de
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ZMM55C51 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  ZMM55C51 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ZMM55C51 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings
Items
Symbol
Value
Unit
Power Dissipation at Tamb=25℃
PTOT
500 *
mW
Junction Temperature
TJ
175
Storage Temperature Range
TSTG
-65 ~ +175
* Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Characteristic at Tamb=25℃
Items
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance Junctiobn to Ambient Air
R
θJA
-
-
0.3 *
K / mW
Forward Voltage @ IF=200mA
VF
-
-
1.0
V
* Valid provided that leads at a distance of 10mm from case are kept at ambient temperature
Items
Materials
Package
Mini MELF
Case
H
Packaging Dimensions (mm)
ermeticall sealed glass
L
Symbol
Min
Max
ead Finish
Solder Plating
A
B
C
3.302
1.397
0.350
3.505
1.499
0.500
A
B
C
Mechanical Data
Dimensions in mm
MINI MELF
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
5
10
15
20
25
30
50
V
40
30
20
10
0
Breakdown Characteristics
IZ
VZ
ZMM55 Series
mA
Test currrent
Iz=5mA
due to the ambient temperature.
500
Change in the power dissipation
250
200
50 100 150
200
Ta (℃)
Ambient Temperature.
100
400
300
21-Aug-2007 Rev.B
Page 2 of 2


Similar Part No. - ZMM55C51

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ZMM55C51 WEITRON-ZMM55C51 Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
logo
Shanghai Shunye Electro...
ZMM55C51 SY-ZMM55C51 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Yangzhou yangjie electr...
ZMM55C51 YANGJIE-ZMM55C51 Datasheet
191Kb / 5P
   Zener Diodes
logo
Diotech Company.
ZMM55C51 DIOTECH-ZMM55C51 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM55C51 SHUNYE-ZMM55C51 Datasheet
316Kb / 3P
   ZENER DIODES
More results

Similar Description - ZMM55C51

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
NUP2105LT1G LEIDITECH-NUP2105LT1G Datasheet
688Kb / 4P
   2-Line Bi-directional ESD Dio de
Rev : 01.08.2021
LESD5L5.0CT1G LEIDITECH-LESD5L5.0CT1G Datasheet
1Mb / 3P
   1-Line Bi - directional TVS Dio de
Rev : 01.09.2021
logo
Protek Devices
PLC03-6 PROTEC-PLC03-6_12 Datasheet
596Kb / 7P
   HIGH POWER steeri ng dio de/TVS ARRAY
logo
Shanghai Leiditech Elec...
PESD2ETH100-T LEIDITECH-PESD2ETH100-T Datasheet
2Mb / 4P
   2-Line Bi-directional TVS Dio de Array
Rev : 01.08.2021
logo
Diodes Incorporated
BZT52C2V4 DIODES-BZT52C2V4 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Weitron Technology
MM5Z2V4 WEITRON-MM5Z2V4_09 Datasheet
424Kb / 3P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4_08 Datasheet
109Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Vishay Siliconix
SML4728 VISHAY-SML4728_12 Datasheet
87Kb / 5P
   Surface Mount Zener Diodes
Rev. 1.8, 29-Nov-11
logo
Rectron Semiconductor
CMBD914 RECTRON-CMBD914 Datasheet
17Kb / 1P
   SURFACE MOUNT ZENER DIODE?
logo
Shanghai Lunsure Electr...
BZX84C CHENYI-BZX84C Datasheet
22Kb / 1P
   SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com