Electronic Components Datasheet Search |
|
M2T22SA5G40 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2T22SA5G40 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
4 / 7 page NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 03-07 Process Sealed Miniature Toggles Series M2 Toggle Position ( ) = Momentary Connected Terminals Throw & Schematics Pole Model Down Center Up Down Center Up Note: Terminal numbers are not actually on the switch. SP M2T12 M2T13 M2T15 M2T18 M2T19 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 2-3 OPEN 2-1 SPDT DP M2T22 M2T23 M2T25 M2T28 M2T29 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 2-3 5-6 OPEN 2-1 5-4 DPDT ACTUATORS Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within the same application. See Supplement section for complete explanation of dual rating and operating range. W Gold over Brass or Copper Logic Level 0.4VA maximum @ 28V AC/DC maximum Silver over Silver Power Level 6A @ 125V AC & 3A @ 250V AC Gold over Silver POLES & CIRCUITS 2 (COM) 1 3 4 6 1 3 2 5 (COM) S G A CONTACT MATERIALS & RATINGS Material: Chrome over brass Material: Chrome over brass Standard Combinations: S Bat Lever with straight terminals (code 03) with silver or gold contacts. Complete explanation of operating range in Supplement section. Power Level 6A @ 125V AC or Logic Level or 0.4VA maximum @ 28V AC/DC maximum .500” (12.7mm) Bat Lever S4 .300” (7.62mm) Bat Lever Standard Combinations: S4 Bat Lever with bracketed terminals (codes 13, 30, 40) with silver or gold contacts. 26 ° (2.8) Dia .110 (12.7) .500 26 ° (7.62) .300 (2.7) Dia .106 BUSHING .250” (6.35mm) Double Flatted A5 (6.2) .244 (6.35) .250 (5.2) .205 (6.8) .268 |
Similar Part No. - M2T22SA5G40 |
|
Similar Description - M2T22SA5G40 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |