Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2T19TXW13-F Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T19TXW13-F
Description  Process Sealed Miniature Rockers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T19TXW13-F Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T19TXW13-F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T19TXW13-F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T19TXW13-F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T19TXW13-F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T19TXW13-F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T19TXW13-F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T19TXW13-F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Miniature Rockers
Series M2
(11.7)
.460
(5.9)
.232
(3.81)
.150
TYPICAL SWITCH DIMENSIONS
PC TERMINALS
Straight with
.460” (11.7mm)
Bracket
Straight PC • Bracket
Single Pole
Double Pole
M2T12TXG13-DC
.150” (3.81mm)
Right Angle
Black
White
Red
Yellow
Green
Blue
Cap Colors
Available:
A
B
C
E
F
G
13
30
Gray
H
ROCKERS & PADDLES
AT4148
.365” (9.27mm) Wide Rocker
Material: Polyamide
Finish: Matte
AT4149
.365” (9.27mm) Wide Paddle
Material: Polyamide
Finish: Matte
D
E
.150” (3.81mm)
Vertical
41
AT4150
.450” (11.43mm) Wide Rocker
Material: Polyamide
Finish: Matte
AT4151
.450” (11.43mm) Wide Paddle
Material: Polyamide
Finish: Matte
F
G
(3.81)
.150
(7.7)
.303
(4.2)
.165
(6.3)
.248
(8.1)
.319
(9.19)
.362
(11.8)
.465
(11.43)
.450
(11.43)
.450
(2.36)
.093
(3.18)
.125
(5.84) R
.232
(4.2)
.165
(16.36)
.644
(11.8)
.465
(2.13)
.084
(3.96)
.156
(8.43) R
.331
(18.8)
.740
(4.2)
.165
(16.8)
.661
(9.27)
.365
(7.9)
.311
(6.15)
.242
(13.49)
.531
(16.87)
.664
(8.8)
.346
(4.2)
.165
(9.27)
.365
26
°
(8.8)
.346
(6.15)
.242
(4.2)
.165
NKK P/N
This Side
(4.8)
.189
(4.7) Typ
.185
(0.8) Typ
.031
(0.5) Typ
.020
(15.75)
.620
1
2
3
2
1
4
5
6
3
(1.6) Typ
.063
(2.4) Typ
.095
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
CL
2
1
3
(1.6) Typ
.063
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
(8.0)
.315
(1.17) Typ
.046
(1.17) Typ
.046
(11.5)
.453
(4.8)
.189
(3.2) Typ
.126
(4.7) Typ
.185
(11.7) Typ
.460


Similar Part No. - M2T19TXW13-F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T19TXW13-FA NKK-M2T19TXW13-FA Datasheet
202Kb / 7P
   General Specifications
M2T19TXW13-FB NKK-M2T19TXW13-FB Datasheet
202Kb / 7P
   General Specifications
M2T19TXW13-FC NKK-M2T19TXW13-FC Datasheet
202Kb / 7P
   General Specifications
M2T19TXW13-FE NKK-M2T19TXW13-FE Datasheet
202Kb / 7P
   General Specifications
M2T19TXW13-FF NKK-M2T19TXW13-FF Datasheet
202Kb / 7P
   General Specifications
More results

Similar Description - M2T19TXW13-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
G22KP-YA ETC2-G22KP-YA Datasheet
137Kb / 4P
   Process Sealed Ultra-Miniature Rockers
logo
Nihon Kaiheiki Industry...
G12KP-YA NKK-G12KP-YA Datasheet
101Kb / 4P
   Process Sealed Ultra-Miniature Rockers
A12KP NKK-A12KP Datasheet
266Kb / 7P
   Process Sealed Subminiature Rockers
logo
List of Unclassifed Man...
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
   Process Sealed Subminiature Rockers
A13KW-CA ETC2-A13KW-CA Datasheet
888Kb / 8P
   Process Sealed Subminiature Rockers
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com