Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRK403-AG Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRK403-AG
Description  Half-Inch Diameter Process Sealed Rotaries
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRK403-AG Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRK403-AG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRK403-AG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRK403-AG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRK403-AG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRK403-AG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MRK403-AG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Half-Inch Diameter Process Sealed Rotaries
Series MR
TYPICAL SWITCH ORDERING EXAMPLE
KNOBS
A
Plain Black
B
Small Color Tipped
C
Large Color Tipped
206
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MRA206-A
COLORS
For Plain Knob
No
Code
Black
For Color Tipped
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
A
A
Shaft Actuated
with PC Terminals
ACTUATORS & TERMINALS
Shaft
Terminal
MR
Shaft Actuated with
Plain Black Knob
DP with 2-6
Adjustable Positions
PC Terminals
F
A
ACTUATORS & TERMINALS
A
Shaft Actuated with PC Terminals
F
Low Profile Screwdriver Actuated
with PC Terminals
K
Low Profile Shaft Actuated with
PC Terminals
POLES & CIRCUITS
112 SP with 2-12 Positions
206 DP with 2-6 Positions
403 4P with 2-3 Positions
Low Profile
Screwdriver Actuated
with PC Terminals
K
Low Profile
Shaft Actuated
with PC Terminals
Slotted for
Terminal
Screwdriver
Shaft
Terminal
(3.15) Dia
.124
(10.0)
.394
(2.3)
.091
(3.15) Dia
.124
(0.8)
.031
(1.0)
.039
(3.15) Dia
.124
(10.0)
.394
(2.3)
.091
12
11
10
9
1
12
11
10
2
(0.5)
.020
Thk = (0.25)
.010
(3.5)
.138
(0.5)
.020
Thk = (0.25)
.010
(3.5)
.138
(0.5)
.020
Thk = (0.25)
.010
(3.5)
.138
2
1 C 12 11 10
M R
-
4 5 6
M R - K 1 1 2
2
1 C
12
11
10
9
12 11 10
9


Similar Part No. - MRK403-AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRK403 ETC2-MRK403 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
More results

Similar Description - MRK403-AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
Nihon Kaiheiki Industry...
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
SK12AG13 NKK-SK12AG13 Datasheet
262Kb / 6P
   Process Sealed Keylocks
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com