Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRT23-AF Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRT23-AF
Description  Miniature Power Level Rotaries
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRT23-AF Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRT23-AF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRT23-AF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRT23-AF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRT23-AF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRT23-AF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Power Level Rotaries
Series MR
KNOBS
A
AT433
Plain Black
Color Codes:
Black
White
Red
Yellow
Green
Blue
A
B
C
E
F
G
Gray
H
(11.0) Dia
.433
(19.0) Dia
.748
(9.5)
.374
(13.0)
.512
(0.5)
.020
(16.0) Dia
.630
(9.5) Dia
.374
(14.3)
.563
(9.5)
.374
(0.5)
.020
(11.0) Dia
.433
(18.0) Dia
.709
(9.5)
.374
(15.8)
.622
(0.5)
.020
Base Material:
Polyester
Base Color:
Black
Polyamide Tip
Colors:
A, B, C, E, F, G, H
Material:
Polyacetal
Color:
Black
only
Base Material:
Polyester
Base Color:
Black
Polyamide Tip
Colors:
A, B, C, E, F, G, H
B
AT4103 Small
Color Tipped
C
AT4104 Large
Color Tipped
PANEL CUTOUTS & MAXIMUM EFFECTIVE PANEL THICKNESS
TYPICAL SWITCH DIMENSIONS
MRY • Turret Terminals
Single Pole
MRT • Solder Lug Terminals
Double Pole
MRY106
MRT22
PC FOOTPRINTS FOR MRX SINGLE, DOUBLE, & FOUR POLE
Maximum Effective Panel Thickness
With Standard Hardware: MRX & MRY .095” (2.4mm); MRT .106” (2.7mm)
Without Locking Ring: MRX & MRY .126” (3.2mm); MRT .138” (3.5mm)
(6.35) Dia
.250
(5.6)
.220
(0.6)
.024
(6.35) Dia
.250
(6.5)
.256
(2.2) Dia
.087
(3.15) Dia
.124
Keyway
18°
(5.6)
.220
(1.0)
.039
(16.9)
.665
(20.0)
.787
(2.3)
.091
(1.3) Dia Typ
.051
(5.0)
.197
(8.0)
.315
M6 P0.75
4
60° T
y
(14.0) Dia
.551
3
2
1
(4.0)
.157
M6 P0.75
Keyway
(20.0)
.787
(7.5)
.295
(8.5)
.335
(12.0)
.472
(1.1) x (2.0) Typ
.043 x .079
(3.15) Dia
.124
(24.0)
.945
6
5
4
(13.0)
.512
(4.5)
.177
(5.0)
.197
(2.3)
.091
120
°
(4.5) Dia
.177
(1.32) Dia Typ
.052
(1.98) Dia Typ
.078
1
2
1
2
1
2
1
2
A
(10.0) Dia
.394
45°
Typ
22.5°
C
D
90°
T
B
(4.5) Dia
.177
(1.32) Dia Typ
.052
(1.98) Dia Typ
.078
1
2
3
4
1
2
3
4
A
(10.0) Dia
.394
45°
Typ
22.5°
B
(4.5) Dia
.177
(1.32) Dia Typ
.052
(1.98) Dia
.078
1
2
3
4
5
6
7
8
A
(10.0) Dia
.394
45°
Typ
22.5°
60° Typ
(1.85) Dia Typ
.073
(9.0) Dia
.354
A
1
2
3
4
5
6
Single Pole
Double Pole
Four Pole
Without
Keyway
With
Keyway


Similar Part No. - MRT23-AF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MRT23-AF NKK-MRT23-AF Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
More results

Similar Description - MRT23-AF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MRX108-AA NKK-MRX108-AA Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
logo
List of Unclassifed Man...
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
   10mm DIP Rotaries
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
logo
PIC GmbH
PLS-031A-3 PIC-PLS-031A-3 Datasheet
32Kb / 2P
   Miniature Level Sensor
PLS-031B-3 PIC-PLS-031B-3 Datasheet
32Kb / 2P
   Miniature Level Sensor
logo
Nihon Kaiheiki Industry...
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
logo
P-tec Corporation
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113_14 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com