Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA721WS Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MA721WS
Description  SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MA721WS Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MA721WS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MA721WS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MA721WS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 01/09/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MA721WS
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
Applications
• Super-high speed switching circuit
• Small current rectification
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Peak Forward Current
IFM
300
mA
Average Forward Current
IF(AV)
200
mA
Non-repetitive Peak Forward Surge Current
1)
IFSM
1
A
Junction Temperature
TJ
150
O
C
Storage Temperature Range
Ts
- 55 to + 150
O
C
1) The peak-to-peak value in one cycle of 50 Hz sine-wave (non-repetitive)
Characteristics at Ta = 25 OC
Parameter
Symbol
Typ.
Max.
Unit
Forward Voltage
at IF = 200 mA
VF
-
0.55
V
Reverse Current
at VR = 30 V
IR
-
50
µA
Terminal Capacitance
at f = 1 MHz
CT
30
-
pF
Reverse Recovery Time
at IF = IR = 100 mA, Irr = 10 mA, RL = 100 Ω
trr
3
-
ns
Anode
2
Top View
Marking Code: "DO"
Simplified outline SOD-323 and symbol
1
DO
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - MA721WS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA721 PANASONIC-MA721 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
logo
Major-Power Technology ...
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
   Complementary Output Hall Effect Fan Driver
logo
Murata Manufacturing Co...
MA72101BAN MURATA-MA72101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA72101BBN MURATA-MA72101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA72101CAN MURATA-MA72101CAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA721WS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CBS10S30 TOSHIBA-CBS10S30 Datasheet
140Kb / 6P
   Schottky Barrier Diode Silicon Epitaxial
logo
Zibo Seno Electronic En...
1SS388 ZSELEC-1SS388 Datasheet
204Kb / 3P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1SS373WT SEMTECH_ELEC-1SS373WT Datasheet
130Kb / 1P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS321 SEMTECH_ELEC-1SS321 Datasheet
130Kb / 2P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS404WS SEMTECH_ELEC-1SS404WS Datasheet
172Kb / 3P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CTS05S40 TOSHIBA-CTS05S40 Datasheet
159Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS15F60 TOSHIBA-CUHS15F60 Datasheet
249Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS15S60 TOSHIBA-CUHS15S60 Datasheet
249Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS20F30 TOSHIBA-CUHS20F30 Datasheet
253Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS20S30 TOSHIBA-CUHS20S30 Datasheet
252Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
CUHS20S60 TOSHIBA-CUHS20S60 Datasheet
246Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com