Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCB26P15B-2B Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SCB26P15B-2B
Description  Snap Switch Pushbuttons
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SCB26P15B-2B Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  SCB26P15B-2B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SCB26P15B-2B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SCB26P15B-2B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Snap Switch Pushbuttons
Series SCB
A
(10.0)
.394
BUSHINGS
TYPICAL SWITCH DIMENSION
TERMINALS
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are
actually on the switch.
SP
SCB15
SCB16
ON
ON
(ON)
ON
1-2
1-3
SPDT
DP
SCB25
SCB26
ON
ON
(ON)
ON
1-2 1-2
1-3 1-3
SP with
2 switches
Plastic
(for Momentary only)
POLES & CIRCUITS
.187” (4.75mm)
Quick Connect
P
A
B
1
3
2
1
3
2
1
3
2
Steel
S
SCB15P15B-1C
Max. Effective Panel Thickness:
Momentary: .177” (4.5mm) without Shroud
.157” (4.0mm) with Shroud
Alternate Action: .354” (9.0mm)
Standard Hardware Provided with Caps
Cap Options 1, 2, & 3: AT504M Knurled Face Nut, AT508 Lockwasher, AT527M Hex Mounting Nut
Cap Options 4 & 5: AT508 Lockwasher & AT527M Hex Mounting Nut
“A” =
11.2mm
Momentary
15.5mm
Alternate Action
Max. Effective Panel Thickness:
.165” (4.2mm) without Shroud
.157” (4.0mm) with Shroud
(18.0)
.709
(8.38)
.330
(6.35)
.250
(4.06)
.160
(10.54)
.415
(28.83)
1.135
(10.16)
.400
(28.2)
1.110
(10.8)
.425
(10.6)
.417
(0.6)
.024
(6.5)
.256
(8.0) Dia
.315
M12 P1
COM
1
(10.3)
.406
(0.81) Typ
.032
(14.35)
.565
(8.08)
.318
(22.23)
.875
(22.1)
.870
(7.85) Max
.309
NC 2 NO 3
(1.02)
.040
.315” (8.0mm) Dia. Cap • .250” (6.35mm) Quick Connect
.250” (6.35mm)
Quick Connect
(6.35)
.250
(4.06)
.160
(8.38)
.330
(10.54)
.415
Thk = (0.81)
.032
(4.75)
.187
(3.18)
.125
(10.16)
.400
(9.78)
.385
Thk = (0.5)
.020
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
Keyway
Keyway
CL
CL
Keyway
(14.0)
.551


Similar Part No. - SCB26P15B-2B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SCB26P15B-3AA NKK-SCB26P15B-3AA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
SCB26P15B-3AB NKK-SCB26P15B-3AB Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
SCB26P15B-3BA NKK-SCB26P15B-3BA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
SCB26P15B-3BB NKK-SCB26P15B-3BB Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
SCB26P15B-4AA NKK-SCB26P15B-4AA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
More results

Similar Description - SCB26P15B-2B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com