Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0115AG03NC-JF-S Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # NP0115AG03NC-JF-S
Description  Subminiature Smooth Actuation Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

NP0115AG03NC-JF-S Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  NP0115AG03NC-JF-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NC-JF-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NC-JF-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NC-JF-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NC-JF-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. NP0115AG03NC-JF-S Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.nkkswitches.com • Toll Free 1.877.2BUYNKK • Tel 480.991.0942 • Fax 480.998.1435 • Email: sales@nkkswitches.com
109
Subminiature Smooth Actuation Pushbuttons
Series NP01
CAP TYPES & COLORS
JB
Cap for Single or Bicolor LED
JC
JD
JF
Clear Lens/White Diffuser
Clear Lens/Red Diffuser
Clear Lens/Amber Diffuser
Clear Lens/Green Diffuser
Alternating Legend Cap for Bicolor LED
Material:
Polycarbonate Resin
J01
J02
J04
Cap illumination is alternating Green/Red; legend text is black.
Contact factory for other Alternating Legends.
Legend illustrations are approximate representations of the actual characters on the filters.
ON
OFF
START
STOP
OPEN
CLOSE
Green
Red
Green
Red
Green
Red
Standard Alternating Legend Pairs
AT3022
12mm Square Cap
Material:
Polycarbonate Resin
AT3023
12mm Square Cap
Clear Lens
Alternating Legend Filter
R =
E – VF
IF
Where: R
E
V
F
I
F
= Resistor Value (Ohms)
= Source Voltage (V)
= Forward Voltage (V)
= Forward Current (A)
LED COLORS & SPECIFICATIONS
VF
I F
R
+
E
Anode
Cathode
LEDs are an integral part of the switch and not
available separately. The electrical specifications
shown are determined at a basic temperature of
25°C.
If the source voltage exceeds the forward voltage,
a ballast resistor is required.
The electrical specifications shown are determined at a basic temperature of 25°C.
Single Color LED
Red
Amber
Green
Forward Peak Current
I
FM
50mA
50mA
30mA
Continuous Forward Current I
F
20mA
20mA
20mA
Forward Voltage
V
F
2.0V
2.1V
3.5V
Reverse Peak Voltage
V
RM
5V
5V
5V
Current Reduction Rate
∆I
F
0.88mA/°C
above 40°C
0.88mA/°C
above 40°C
0.48mA/°C
above 30°C
Ambient Temperature Range
–25° ~ +50°C
C
D
F
Bicolor LED
Red
Green
Forward Peak Current
I
FM
50mA
30mA
Continuous Forward Current I
F
20mA
20mA
Forward Voltage
V
F
2.0V
3.5V
Reverse Peak Voltage
V
RM
5V
5V
Current Reduction Rate
∆I
F
0.88mA/°C
above 40°C
0.48mA/°C
above 30°C
Ambient Temperature Range
–25° ~ +50°C
CF
Color
Color
LC2
(+)
L4 (-)
Green
L3 (-)
Red
LC1
(+)
L2 (-)
Red
L1 (-)
Green
LC1
(+)
L2 (-)
L1 (-)
LC2
(+)
L4 (-)
L3 (-)
LC1
(+)
L2 (-)
L1 (-)
Amber LED
Red or Green LEDs
Red/Green Bicolor LED
Attention
Electrostatic
Sensitive Devices
Attention
Electrostatic
Sensitive Devices
(10.2)
.402
(12.0) Sq
.472
(10.2)
.402
(12.0) Sq
.472


Similar Part No. - NP0115AG03NC-JF-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03NC-JF-S NKK-NP0115AG03NC-JF-S Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
More results

Similar Description - NP0115AG03NC-JF-S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
NP0115AG03LC-JB NKK-NP0115AG03LC-JB_10 Datasheet
184Kb / 6P
   Subminiature Smooth Actuation Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
HB215SKG03CE-JB NKK-HB215SKG03CE-JB_10 Datasheet
136Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
List of Unclassifed Man...
HB215SKG03CF-JB ETC2-HB215SKG03CF-JB Datasheet
276Kb / 4P
   Subminiature Audio/Video Pushbuttons
logo
Nihon Kaiheiki Industry...
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
BB15AP-FA NKK-BB15AP-FA Datasheet
232Kb / 6P
   Process Sealed Subminiature Antistatic Pushbuttons
logo
Pepperl+Fuchs Inc.
41FY2 PF-41FY2 Datasheet
411Kb / 2P
   Magnetic Actuation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com