Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT6405 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT6405
Description  P-Channel Enhancement Mode Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT6405 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT6405 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT6405 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT6405 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT6405 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
STT6405
-5.0 A, -30 V, RDS(ON) 50 mΩ
P-Channel Enhancement Mode Mos.FET
01-June-2005 Rev. A
Page 1 of 4
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The STT6405 uses advanced trench technology to provide excellent on-resistance with low gate change. The device is
suitable for use as a load switch or in PWM applications.
FEATURES
N-Channel
Lower Gate Charge
Small Footprint & Low Profile Package
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current (TJ=150℃)
ID @TA=25℃
ID @TA=70℃
-5.0
-4.2
A
Pulsed Drain Current
IDM
-20
A
Power Dissipation
PD @TA=25℃
2
W
Linear Derating Factor
0.016
W/℃
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
Parameter
Symbol
Ratings
Unit
Thermal Resistance- Junction to Ambient
3
Max.
R
θJA
62.5
/W
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.10 Max
L
0.45 Ref
A1
0
0.10
L1
0.60 Ref
A2
0.70
1.00
10°
c
0.12 Ref
b
0.30
0.50
D
2.70
3.10
e
0.95 Ref
E
2.60
3.00
e1
1.90 Ref
E1
1.40
1.80


Similar Part No. - STT6405

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT6405 SECOS-STT6405 Datasheet
861Kb / 3P
   P-Channel Enhancement Mode Mos.FET
logo
VBsemi Electronics Co.,...
STT6405 VBSEMI-STT6405 Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT6405 SECOS-STT6405_09 Datasheet
861Kb / 3P
   P-Channel Enhancement Mode Mos.FET
More results

Similar Description - STT6405

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3981 SECOS-STT3981_10 Datasheet
908Kb / 5P
   P-Channel Enhancement Mode Mos.FET
STT3423P SECOS-STT3423P Datasheet
501Kb / 4P
   P-Channel Enhancement Mode Mos.FET
STT3981 SECOS-STT3981 Datasheet
253Kb / 5P
   P-Channel Enhancement Mode Mos.FET
SSP1027 SECOS-SSP1027 Datasheet
400Kb / 4P
   P-Channel Enhancement Mode Mos.FET
STT6405 SECOS-STT6405_09 Datasheet
861Kb / 3P
   P-Channel Enhancement Mode Mos.FET
SSG9575 SECOS-SSG9575_15 Datasheet
238Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
STT6601 SECOS-STT6601 Datasheet
489Kb / 6P
   N & P-Channel Enhancement Mode Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com