Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2112LFG Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2112LFG
Description  LED Tipped Actuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2112LFG Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2112LFG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2112LFG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2112LFG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2112LFG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2112LFG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2112LFG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2112LFG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2112LFG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
LED Tipped Actuators
Series M2100
(9.3)
.366
(2.5) Dia
.098
(6.35)
.250
(4.5)
.177
(4.7) Typ
.185
(0.8) Typ
.031
(12.0)
.472
20
°
(3.5)
.138
(9.8)
.386
(20.3)
.799
(15.8)
.622
(0.5) Typ
.020
6
3
2
5
4
1
(9.0)
.354
(3.2) Typ
.126
(13.0)
.512
(1.17) Typ
.046
(1.17) Typ
.046
(4.8)
.189
(12.7)
.500
(10.1)
.398
(17.8)
.701
(6.35)
.250
(4.8)
.189
(4.7) Typ
.185
(0.8) Typ
.031
(12.0)
.472
(0.6)
.024
20
°
(3.5)
.138
(9.8)
.386
(20.3)
.799
(9.3)
.366
(6.9)
.272
(29.5)
1.161
(23.8)
.937
(2.4) Dia Typ
.094
(2.5) Dia
.098
(6.35)
.250
(13.0)
.512
9
6
3
2
1
5
4
8
7
(1.17) Typ
.046
(2.0) Typ
.079
(4.8) Typ
.189
(17.5)
.689
(12.0)
.472
20
°
(3.5)
.138
(9.8)
.386
(0.6)
.024
(16.8)
.661
(13.5)
.531
LED CIRCUIT, ROCKER, & MOUNTING TYPE COMBINATIONS
Straight PC • Bracket
Single Pole Only
M2112NCFW01
Single color LED switch does not have terminal 5.
M2122NCFW01
Single color LED switch does not have terminal 8.
Solder Lug
Double Pole
Solder Lug
Single Pole
M2112NCFW13
Single color LED switch does not have terminal 5. Silver contact material is standard.
TYPICAL ROCKER SWITCH DIMENSIONS
Rocker with
Isolated LED Circuit
R
Rocker with
Synchronous LED Circuit
N
Flat Frame combines with
Terminal codes 01, 02, & 03.
Bracket combines with
Terminal code 13.
Max. Panel Thickness
.126” (3.2mm)
Material: Polyamide
Finish: Matte
Color: Black
(17.8)
.701
(23.8)
.937
(2.6) Dia Typ
.102
(10.1)
.398
(12.0)
.472
20
°
(9.8)
.386
(16.8)
.661
(13.5)
.531
(3.5)
.138
(9.3)
.366
(6.9)
.272
(29.5)
1.161
(23.8)
.937
(2.4) Dia Typ
.094
(2.5) Dia
.098
(6.35)
.250
(4.8)
.189
(4.7) Typ
.185
(0.8) Typ
.031
(12.0)
.472
(0.6)
.024
20
°
(3.5)
.138
(9.8)
.386
(20.3)
.799
(13.0)
.512
6
3
2
1
5
4
(1.17) Typ
.046
(2.0) Typ
.079
(4.8)
.189
(12.7)
.500


Similar Part No. - M2112LFG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LFG01 NKK-M2112LFG01 Datasheet
284Kb / 12P
   LED Tipped Toggles
M2112LFG01 NKK-M2112LFG01 Datasheet
708Kb / 7P
   General Specifications
M2112LFG02 NKK-M2112LFG02 Datasheet
708Kb / 7P
   General Specifications
M2112LFG021 NKK-M2112LFG021 Datasheet
284Kb / 12P
   LED Tipped Toggles
M2112LFG03 NKK-M2112LFG03 Datasheet
708Kb / 7P
   General Specifications
More results

Similar Description - M2112LFG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW01 NKK-M2112LCW01 Datasheet
284Kb / 12P
   LED Tipped Toggles
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
   STEPPING ACTUATORS
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
   Hybrid Linear Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com