Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRT23-B Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRT23-B
Description  Miniature Power Level Rotaries
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRT23-B Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRT23-B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRT23-B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRT23-B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRT23-B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRT23-B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Power Level Rotaries
Series MR
TYPICAL SWITCH ORDERING EXAMPLE
KNOBS
A
Plain Black
B
Small Color Tipped
C
Large Color Tipped
108
COLORS
For Plain Knob
No
Code
Black
For Color Tipped
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
X
X
Shaft Actuated with
PC-Turret Terminals
ACTUATORS & TERMINALS
Shaft
Terminal
MR
Y
A
Shaft Actuated with
Turret Terminals
T
Shaft Actuated with
Solder Lug Terminals
X
Shaft Actuated with
PC-Turret Terminals
POLES & CIRCUITS
ACTUATORS & TERMINALS
Y
Shaft Actuated with
Turret Terminals
T
Shaft Actuated with
Solder Lug Terminals
108
SP with 2-8 Positions
204
DP with 2-4 Positions
402
4P with 2 Positions
106
SP with 2-6 Positions
106G
SP with 2-6 Positions
Gold Contacts 0.4VA
22
DPDT ON-NONE-ON
23
DPDT ON-OFF-ON
1
2
1
8
1
6
MRT-
22
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MRX108-A
Shaft Actuated
with Plain Black Knob
SP with 2-8
Adjustable Positions
PC-Turret Terminals
IMPORTANT:
MRT switches are supplied
without UL marking unless
specified. Specific models
& ratings are noted on the
General Specifications page.
(3.15) Dia
.124
(1.0)
.039
(20.0)
.787
(2.3)
.091
(3.15) Dia
.124
(1.0)
.039
(20.0)
.787
(2.3)
.091
(3.15) Dia
.124
(1.0)
.039
(20.0)
.787
(2.3)
.091
(2.0)
.079
(4.0)
.157
(2.4)
.094
(0.9)
.035
Thk = (0.7)
.028
(5.0)
.197
(0.8)
.031
Thk = (0.9)
.035
(5.0)
.197
(1.3) Dia
.051
Shaft
Terminal
Shaft
Terminal


Similar Part No. - MRT23-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MRT23-BA NKK-MRT23-BA Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
MRT23-BB NKK-MRT23-BB Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
MRT23-BC NKK-MRT23-BC Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
MRT23-BD NKK-MRT23-BD Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
MRT23-BE NKK-MRT23-BE Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
More results

Similar Description - MRT23-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MRX108-AA NKK-MRX108-AA Datasheet
730Kb / 6P
   Miniature Power Level Rotaries
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
logo
List of Unclassifed Man...
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
   10mm DIP Rotaries
logo
Nihon Kaiheiki Industry...
FR01FR10PB-S NKK-FR01FR10PB-S Datasheet
267Kb / 7P
   10mm DIP Rotaries
logo
PIC GmbH
PLS-031A-3 PIC-PLS-031A-3 Datasheet
32Kb / 2P
   Miniature Level Sensor
PLS-031B-3 PIC-PLS-031B-3 Datasheet
32Kb / 2P
   Miniature Level Sensor
logo
Nihon Kaiheiki Industry...
MRA112-A NKK-MRA112-A Datasheet
390Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
logo
P-tec Corporation
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113_14 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113 Datasheet
31Kb / 1P
   Miniature Bi-Level LED Holder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com