Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2046TYG Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2046TYG
Description  Miniature Rockers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2046TYG Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2046TYG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2046TYG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2046TYG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2046TYG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2046TYG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2046TYG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2046TYG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2046TYG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2046TYG Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
Series M
MOUNTING FRAMES
.272” (6.9mm)
Wide Flat Frame
TN
Small Actuators & Panel Cutouts for TN Frame (actuator details on the following pages)
TY
Mounting hardware kit HK-1, as shown on the
following page, must be ordered separately.
AT4148
AT4149
AT4150
AT4151
Large Actuators & Panel Cutout for TY Frame
(actuator details on the following pages)
AT4156
AT4157
Mounting hardware kit HK-2, as shown on the
following page, must be ordered separately.
.504” (12.8mm)
Wide Flat Frame
(0.6)
.024
(3.5)
.138
(6.9)
.272
(29.5)
1.161
(23.8)
.937
(2.4) Dia Typ
.094
(3.2) Dia Typ
.126
(12.8)
.504
(41.3)
1.626
(34.9)
1.374
(0.6)
.024
(3.5)
.138
(16.0)
.630
(28.5)
1.122
(34.9)
1.374
(3.5) Dia Typ
.138
(23.8)
.937
(12.7)
.500
(12.4)
.490
(2.6) Dia Typ
.102
(17.8)
.701
(23.8)
.937
(2.6) Dia Typ
.102
(10.1)
.398


Similar Part No. - M2046TYG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2046 ETC1-M2046 Datasheet
495Kb / 10P
   SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2046 ETC2-M2046 Datasheet
1Mb / 12P
   Miniature Toggles
More results

Similar Description - M2046TYG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
CWSA11AANS NKK-CWSA11AANS Datasheet
266Kb / 6P
   Miniature Power Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
   Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com