Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2461E1W23 Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2461E1W23
Description  Snap-Action Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2461E1W23 Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2461E1W23 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W23 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W23 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W23 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W23 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W23 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W23 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W23 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Snap-Action Bracket PC Mount
Series MB2400
(4.5) Typ
.177
(1.17) Typ
.046
(1.17) Typ
.046
(3.2) Typ
.126
(4.8) Typ
.189
(4.8) Typ
.189
(5.1) Dia Typ
.201
(2.8) Dia Typ
.112
(6.2) Dia Typ
.244
BRACKET
LENGTH
(12.7)
.500
(8.0)
.315
(4.5) Typ
.177
(1.27) Typ
.050
(1.17) Typ
.046
(6.35) Typ
.250
(4.8) Typ
.189
(4.8) Typ
.189
(5.1) Dia Typ
.201
(2.8) Dia Typ
.112
(6.2) Dia Typ
.244
BRACKET
LENGTH
(12.7)
.500
(9.1)
.358
TYPICAL SWITCH DIMENSIONS
Straight PC • Bracket
Straight PC • Reinforced Bracket
MB2411A2G13-FA
MB2411A2G23-FA
Single
Pole
Single
Pole
Double
Pole
Double
Pole
Terminal
Code:
Terminal
Length:
Bracket
Length:
13
.250 (6.35mm)
.465 (11.8mm)
15
.425 (10.8mm)
.630 (16.0mm)
17
.964 (24.5mm)
1.150 (29.2mm)
Terminal
Code:
Terminal
Length:
Bracket
Length:
23
.250 (6.35mm)
.465 (11.8mm)
25
.425 (10.8mm)
.630 (16.0mm)
26
.750 (19.05mm)
.953 (24.2mm)
1
2
3
C
NO
NC
TERMINAL
LENGTH
(0.5) Typ
.020
(0.8) Typ
.031
(4.7) Typ
.185
(15.8)
.622
(7.1)
.280
(0.9)
.035
(6.4)
.253
(2.4)
.096
1
2
3
C
NO
NC
TERMINAL
LENGTH
(0.5) Typ
.020
(0.8) Typ
.031
(4.7) Typ
.185
(19.05)
.750
(2.4)
.096
(7.1)
.280
(0.9)
.035
(6.4)
.253
2
1
4
5
6
3
(1.6) Typ
.063
(2.4) Typ
.095
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
CL
(4.7) Typ
.185
(2.4) Typ
.095
2
1
4
5
6
3
(3.18) Typ
.125
(9.53) Typ
.375
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
CL
(4.7) Typ
.185
2
1
3
(3.18) Typ
.125
(9.53) Typ
.375
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
2
1
3
(1.6) Typ
.063
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059


Similar Part No. - MB2461E1W23

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2461E1W01 NKK-MB2461E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2461E1W03 NKK-MB2461E1W03 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2461E1W05 NKK-MB2461E1W05 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2461E1W06 NKK-MB2461E1W06 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2461E1W07 NKK-MB2461E1W07 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
More results

Similar Description - MB2461E1W23

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com