Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS22ANA Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MS22ANA
Description  Miniature Slides
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS22ANA Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS22ANA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS22ANA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS22ANA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS22ANA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MS22ANA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MS22ANA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MS22ANA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides
Series MS
TYPICAL SWITCH DIMENSIONS
Right Angle PC Terminals
Single Pole
MS12ASG30
Actuator in LEFT Position
Right Angle PC Terminals
Double Pole
MS22BSG30
Actuator in LEFT Position
Vertical PC Terminals
Single Pole
MS12ASG40
Actuator in LEFT Position
Vertical PC Terminals
Double Pole
MS22BSG40
Actuator in LEFT Position
3
2
1
(1.8) Dia Typ
.073
(4.7) Typ
.185
(9.53)
.375
(6.6) Typ
.260
(1.5) Dia Typ
.059
(1.5) Dia Typ
.059
2
1
3
(4.7) Typ
.185
(6.6) Typ
.260
(12.7)
.500
5
4
6
(3.81)
.150
(1.8) Dia Typ
.073
(10.16)
.400
(1.5) Dia Typ
.059
2
1
3
(4.45) Typ
.175
(3.81) Typ
.150
(1.8) Dia Typ
.073
(4.8)
.189
(1.5) Dia Typ
.059
1
2
3
(12.7)
.500
(4.45) Typ
.175
(3.81) Typ
.150
4
5
6
(1.8) Dia Typ
.073
(0.4) Typ
.016
(13.2)
.520
(5.7)
.224
(9.53)
.375
(1.2)
.047
(1.27)
.050
(0.5)
.020
(3.2)
.126
(3.81)
.150
(3.8) Sq
.150
(5.1)
.201
(12.7)
.500
1
2
3
(6.6)
.260
(0.8) Typ
.031
(4.7) Typ
.185
(3.8)
.150
(3.8)
.150
(13.2)
.520
(0.4) Typ
.016
(6.2)
.245
(3.2)
.126
(0.5)
.020
(3.81)
.150
(1.27) Typ
.050
(1.2)
.047
(5.7)
.224
(12.7)
.500
(8.2)
.323
(5.1)
.201
(3.8)
.150
(13.2)
.520
(0.4) Typ
.016
(3.8)
.150
(1.2) Typ
.047
(4.45)
.175
(1.2) Typ
.047
(4.45)
.175
(3.8) Sq
.150
(0.4)
.016
(5.3)
.209
(5.1)
.201
(10.16)
.400
(3.81) Typ
.150
(0.8) Typ
.031
(2.7)
.106
(6.9)
.270
(6.6)
.260
1
2
3
(12.7)
.500
(0.5)
.020
(1.27)
.050
(8.2)
.323
(1.2) Typ
.047
(4.45)
.175
(3.8)
.150
(0.4)
.016
(5.3)
.209
(5.1)
.201
(12.7)
.500
(3.81) Typ
.150
(0.8) Typ
.031
(2.7)
.106
(6.9)
.270
(11.4)
.449
1
2
3
6
4
5
(12.7)
.500
(0.5)
.020
(4.8)
.189
(1.27) Typ
.050
(12.7)
.500
(11.4)
.449
4
5
6
1
2
3
(4.7) Typ
.185
(0.8) Typ
.031


Similar Part No. - MS22ANA

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MS22 MOSPEC-MS22 Datasheet
234Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
Weitron Technology
MS22 WEITRON-MS22 Datasheet
452Kb / 3P
   Surface Mount Schottky Power Rectifier
logo
Kwang Myoung I.S. CO.,L...
MS22 KISEMICONDUCTOR-MS22 Datasheet
5Mb / 2P
   Schottky Bridge Rectifier
logo
List of Unclassifed Man...
MS220 ETC2-MS220 Datasheet
233Kb / 2P
   Power Film Resistors
logo
Zibo Seno Electronic En...
MS220 ZSELEC-MS220 Datasheet
135Kb / 2P
   2.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - MS22ANA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
   Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
   Ultra-Miniature Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
   Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
   Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
   Ultra-Miniature SMT Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
   Miniature Power Rated Slides
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
   Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
   Ultra-Miniature SMT DIP Slides
AS11AP NKK-AS11AP Datasheet
198Kb / 5P
   Subminiature Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
   General Devices ChassisTrak Slides
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com