Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2122LCG Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2122LCG
Description  LED Tipped Actuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2122LCG Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2122LCG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2122LCG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
LED Tipped Actuators
Series M2100
LED CIRCUIT, TOGGLE, & MOUNTING TYPE COMBINATIONS
Toggle with Isolated LED Circuit
L
Toggle with Synchronous LED Circuit
T
M2112TCFW01
Single color LED switch does not have terminal 5.
Solder Lug
Single Pole
Threaded Bushing
combines with Terminal
codes 01, 02, & 03.
Smooth Bushing
combines with
Terminal code 30.
Max. Panel
Thickness without
Locking Ring
.134” (3.4mm)
TYPICAL TOGGLE SWITCH DIMENSIONS
Solder Lug
Double Pole
Right Angle PC
Single Pole Only
M2122TCFW01
Single color LED switch does not have terminal 8.
M2112TCFG30
Single color LED switch does not have terminal 5.
Gold contact material only
Finish: Brushed aluminum
Standard Hardware: 2 AT513H Hex
Nuts, 1 AT507H Locking Ring, 1 AT509
Lockwasher Standard & optional
hardware details in Accessories &
Hardware section.
Max. Panel
Thickness with
Standard Hardware
.102” (2.6mm)
(6.5) Dia
.256
(5.6)
.220
(0.6)
.024
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087
(12.7)
.500
Keyway
(2.5) Dia
.098
(5.0) Dia
.197
20
°
1/4-40 Thd
(4.8)
.189
(0.8) Typ
.031
(4.7) Typ
.185
(6.35)
.250
(0.9)
.035
(8.0)
.315
(20.3)
.799
(14.7)
.579
(13.0)
.512
6
3
2
1
5
4
(1.17) Typ
.046
(2.0) Typ
.079
(4.8)
.189
Keyway
(2.5) Dia
.098
(5.0) Dia
.197
(17.5)
.689
(6.35)
.250
20
°
1/4-40 Thd
(4.8)
.189
(0.8) Typ
.031
(4.7) Typ
.185
(6.35)
.250
(0.9)
.035
(8.0)
.315
(20.3)
.799
(14.7)
.579
(13.0)
.512
9
6
3
2
1
5
4
8
7
(1.17) Typ
.046
(2.0) Typ
.079
(4.8) Typ
.189
Keyway
(2.5) Dia
.098
(5.0) Dia
.197
(2.9)
.114
(1.4)
.055
(5.1)
.201
(13.0)
.512
(6.2) Dia
.244
(14.7)
.579
(16.4)
.646
(3.81)
.150
(7.6)
.299
(1.27) Typ
.050
(0.4)
.016
(1.1)
.043
(0.8) Typ
.031
(4.7) Typ
.185
(4.3)
.169
(12.7)
.500
1
2
3
4
5
6
(6.2) Dia
.244
(14.7)
.579
(5.0) Dia
.197
20
°
1/4-40 Thd
(14.7)
.579
(5.0) Dia
.197
20
°


Similar Part No. - M2122LCG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2122LCG01 NKK-M2122LCG01 Datasheet
284Kb / 12P
   LED Tipped Toggles
M2122LCG01 NKK-M2122LCG01 Datasheet
708Kb / 7P
   General Specifications
M2122LCG02 NKK-M2122LCG02 Datasheet
708Kb / 7P
   General Specifications
M2122LCG021 NKK-M2122LCG021 Datasheet
284Kb / 12P
   LED Tipped Toggles
M2122LCG03 NKK-M2122LCG03 Datasheet
708Kb / 7P
   General Specifications
More results

Similar Description - M2122LCG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW01 NKK-M2112LCW01 Datasheet
284Kb / 12P
   LED Tipped Toggles
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
   STEPPING ACTUATORS
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
   Hybrid Linear Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com