Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2T25S4A5G13 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T25S4A5G13
Description  Process Sealed Miniature Toggles
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T25S4A5G13 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T25S4A5G13 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G13 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G13 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T25S4A5G13 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Miniature Toggles
Series M2
A5
ACTUATORS
S
.500” (12.7mm)
Bat Lever
S4
.300” (7.62mm)
Bat Lever
TYPICAL SWITCH ORDERING EXAMPLE
1
S
M2T
SPDT
ON-NONE-ON Circuit
.250” (6.35mm) Bushing
with Double Flat
CIRCUITS
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
( ) = Momentary
CONTACT MATERIALS & RATINGS
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated 6A @
125V AC & 0.4VA max @ 28V
AC/DC max
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2T12SA5G03
G
.500” (12.7mm Bat Lever)
BUSHING
A5
.250” (6.35mm)
Double Flatted
PC TERMINALS
03 Straight
13 Straight with
.460” (11.7mm) Bracket
30 .150” (3.81mm) Right Angle
40 .150” (3.81mm) Vertical
05 .425” (10.8mm) Extended PC
06 .750” (19.05mm) Extended PC
07 .964” (24.5mm) Extended PC
POLES
1
SPDT
2
DPDT
Gold Contacts
with 0.4VA Rating
Straight PC Terminals
03
IMPORTANT:
Switches are supplied without UL,
C-UL & CSA marking unless speci-
fied. Specific models & ratings noted
on General Specifications page.


Similar Part No. - M2T25S4A5G13

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T25S4A5G13 NKK-M2T25S4A5G13 Datasheet
184Kb / 8P
   General Specifications
More results

Similar Description - M2T25S4A5G13

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G13AH ETC2-G13AH Datasheet
121Kb / 4P
   Process Sealed Ultra-Miniature Toggles
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
   Process Sealed Ultra-Miniature SMT Toggles
logo
Nihon Kaiheiki Industry...
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
   Ultra-Miniature Process Sealed SMT Toggles
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com