Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRK112-AC Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MRK112-AC
Description  Half-Inch Diameter Process Sealed Rotaries
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MRK112-AC Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  MRK112-AC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-AC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-AC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-AC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-AC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MRK112-AC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Half-Inch Diameter Process Sealed Rotaries
Series MR
KNOBS
A
AT433
Plain Black
Color Codes:
Black
White
Red
Yellow
Green
Blue
A
B
C
E
F
G
Gray
H
(11.0) Dia
.433
(19.0) Dia
.748
(9.5)
.374
(13.0)
.512
(0.5)
.020
(16.0) Dia
.630
(9.5) Dia
.374
(14.3)
.563
(9.5)
.374
(0.5)
.020
(11.0) Dia
.433
(18.0) Dia
.709
(9.5)
.374
(15.8)
.622
(0.5)
.020
Base Material:
Polyester
Base Color:
Black
Polyamide Tip
Colors:
A, B, C, E, F, G, H
Material:
Polyacetal
Color:
Black
only
Base Material:
Polyester
Base Color:
Black
Polyamide Tip
Colors:
A, B, C, E, F, G, H
B
AT4103 Small
Color Tipped
C
AT4104 Large
Color Tipped
PANEL CUTOUTS & MAXIMUM EFFECTIVE PANEL THICKNESS
Without
Keyway
STANDARD MOUNTING HARDWARE
AT513M
Metric Hexagon Nut
Material:
Brass, nickel plating
1 for MRA; 1 for MRK
AT507M
Metric Locking Ring
Material:
Steel, chromate over zinc plating
1 for MRA; 1 for MRK
AT509
Lockwasher
Material:
Steel, chromate over zinc plating
1 for MRA; 1 for MRK
AT535
Rubber Ring
Material:
Nitrile butadiene rubber
1 for MRK
(9.0)
.354
(1.5)
.059
(2.0)
.079
(5.5)
.217
(6.0) Dia
.236
(12.0) Dia
.472
(1.7)
.067
(0.8)
.031
(0.5)
.020
(6.4) Dia
.252
(10.2) Dia
.402
Nonsealed Panel
Sealed Panel
With Standard Hardware on Nonsealed Panel:
MRA .067” (1.7mm) MRK .087” (2.2mm)
Without Locking Ring on Nonsealed Panel:
MRA .098” (2.5mm) MRK .118” (3.0mm)
With Standard Hardware on Sealed Panel:
MRK .106” (2.7mm)
With
Keyway
(6.35) Dia
.250
(5.6)
.220
(0.6)
.024
(6.2) Dia
.244
(5.4)
.213
(6.35) Dia
.250
(6.5)
.256
(2.2) Dia
.087
OPTIONAL SUPPORT BRACKET
AT543
Support Bracket for MRK
Material:
Steel with tin plating
A support bracket
is needed when
the MRK is mounted
only to a PC board
and does not have
the bushing through
a panel.
(18.0)
.709
(18.0)
.709
(14.9)
.587
(0.8) Typ
.031
(3.8) Typ
.150
(0.5) Typ
.020
(14.0)
.551
(8.0)
.315
M6 P0.75
(1.3)
.051
(6.2) Dia
.244
(9.4) Dia
.370
(17.5)
.689
(17.2)
.677
(1.2) Dia Typ
.047


Similar Part No. - MRK112-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRK112 ETC2-MRK112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
More results

Similar Description - MRK112-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRA112 ETC2-MRA112 Datasheet
262Kb / 6P
   Half-Inch Diameter Process Sealed Rotaries
logo
Nihon Kaiheiki Industry...
MRB12B-A NKK-MRB12B-A Datasheet
255Kb / 5P
   Miniature PCB Process Sealed Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
SK12AG13 NKK-SK12AG13 Datasheet
262Kb / 6P
   Process Sealed Keylocks
logo
List of Unclassifed Man...
A22JB ETC2-A22JB Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
A12EH ETC2-A12EH Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
A2SHV ETC2-A2SHV Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
   6mm Process Sealed Tactiles
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com