Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2T22TXW13-E Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2T22TXW13-E
Description  Process Sealed Miniature Rockers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2T22TXW13-E Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2T22TXW13-E Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXW13-E Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXW13-E Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXW13-E Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXW13-E Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXW13-E Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2T22TXW13-E Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Miniature Rockers
Series M2
ROCKER/PADDLE
COLORS
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
ROCKERS/PADDLES
D
.365” (9.27mm)
Wide Rocker
E
.365” (9.27mm)
Wide Paddle
F
.450” (11.43mm)
Wide Rocker
G
.450” (11.43mm)
Wide Paddle
TYPICAL SWITCH ORDERING EXAMPLE
2
G
M2T
DPDT
ON-NONE-ON Circuit
.365” (9.27mm) Wide
Red Rocker
CIRCUITS
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
( ) = Momentary
CONTACT MATERIALS & RATINGS
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated 6A @
125V AC & 0.4VA max @ 28V
AC/DC max
2
IMPORTANT:
Switches are supplied without
UL, C-UL, & CSA marking unless
specified. Specific models & rat-
ings noted on General Specifica-
tions page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2T22TXG41-DC
D
Mounting Frame for Actuators
with Straight or Angle PC Mount
C
MOUNTING FRAME
TX
For Actuators with
Straight or Angle
PC Mount
PC TERMINALS
13
Straight with
.460” (11.7mm) Bracket
30
.150” (3.81mm) Right Angle
41
.150” (3.81mm) Vertical
POLES
1
SPDT
2
DPDT
Gold Contacts with 0.4VA Rating
.150” (3.81mm) Vertical Terminals
TX
41


Similar Part No. - M2T22TXW13-E

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2T22TXW13-EA NKK-M2T22TXW13-EA Datasheet
202Kb / 7P
   General Specifications
M2T22TXW13-EB NKK-M2T22TXW13-EB Datasheet
202Kb / 7P
   General Specifications
M2T22TXW13-EC NKK-M2T22TXW13-EC Datasheet
202Kb / 7P
   General Specifications
M2T22TXW13-EE NKK-M2T22TXW13-EE Datasheet
202Kb / 7P
   General Specifications
M2T22TXW13-EF NKK-M2T22TXW13-EF Datasheet
202Kb / 7P
   General Specifications
More results

Similar Description - M2T22TXW13-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
G22KP-YA ETC2-G22KP-YA Datasheet
137Kb / 4P
   Process Sealed Ultra-Miniature Rockers
logo
Nihon Kaiheiki Industry...
G12KP-YA NKK-G12KP-YA Datasheet
101Kb / 4P
   Process Sealed Ultra-Miniature Rockers
A12KP NKK-A12KP Datasheet
266Kb / 7P
   Process Sealed Subminiature Rockers
logo
List of Unclassifed Man...
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
   Process Sealed Subminiature Rockers
A13KW-CA ETC2-A13KW-CA Datasheet
888Kb / 8P
   Process Sealed Subminiature Rockers
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com