Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U16C10 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # U16C10
Description  FAST RECTIFIERS(16A,50-200V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U16C10 Datasheet(HTML) 1 Page - Mospec Semiconductor

  U16C10 Datasheet HTML 1Page - Mospec Semiconductor U16C10 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - U16C10

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U16C100 MOSPEC-U16C100 Datasheet
142Kb / 2P
   POWER RECTIFIERS(16A,700-1000V)
logo
Chenmko Enterprise Co. ...
U16C10PT CHENMKO-U16C10PT Datasheet
72Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - U16C10

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F16C05 MOSPEC-F16C05 Datasheet
135Kb / 2P
   POWER RECTIFIERS(16A,50-200V)
H16C05 MOSPEC-H16C05 Datasheet
138Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(16A,50-200V)
U10A05 MOSPEC-U10A05 Datasheet
133Kb / 2P
   FAST RECTIFIERS(10A,50-200V)
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
F06C05 MOSPEC-F06C05 Datasheet
133Kb / 2P
   FAST RECOVERY RECTIFIERS(6.0A,50-200V)
logo
Frontier Electronics.
FR1605CT FRONTIER-FR1605CT Datasheet
438Kb / 2P
   16A FAST RECOVERY RECTIFIERS
logo
Fairchild Semiconductor
FRM3200CC FAIRCHILD-FRM3200CC Datasheet
113Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
   16A Super Fast Recovery Rectifiers
logo
Mospec Semiconductor
U12C05 MOSPEC-U12C05 Datasheet
135Kb / 2P
   POWER RECTIFIERS(12A,50-200V)
U20C05 MOSPEC-U20C05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(20A,50-200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com