Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2011SS4G Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011SS4G
Description  Miniature Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011SS4G Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2011SS4G Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS4G Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS4G Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS4G Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS4G Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS4G Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS4G Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SS4G Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Bushing Mount Miniature Pushbuttons
Series MB2000
TERMINALS
Solder Lug
01
.425” (10.8mm)
Wirewrap or Extended PC
05
.750” (19.05mm)
Wirewrap or Extended PC
06
.964” (24.5mm)
Wirewrap or Extended PC
07
If using as extended PC terminal, refer to the above footprints.
Dimension A = terminal lengths as shown beside the terminal
codes at the left.
.250” (6.35mm)
Straight PC
03
Single Pole
Double Pole
Four Pole
.062” (1.57mm) Wide
Quick Connect
02
(6.35)
.250
Epoxy Seal
Thk = (0.8)
.031
(1.57)
.062
Epoxy Seal
(4.8)
.189
(6.35)
.250
(1.17)
.046
Thk = (0.8)
.031
Thk = (0.8)
.031
Epoxy Seal
A
(1.27)
.050
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
(4.8) Typ
.189
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
6
5
4
7
8
9
12
11
10
1.062” (27.0mm)
Wirewrap or Extended PC
08
CAPS & CAP COLORS
B
Cap Colors
Available:
A
B
C
AT413
.315” (8.0mm) Dia.
Screw-on Cap
AT407
.394” (10.0mm) Dia.
Screw-on Cap
E
F
G
H
C
Black
White
Red
Yellow
Green
Blue
Gray
(8.0) Dia
.315
(7.6)
.299
(8.0)
.315
(10.0) Dia
.394
For use with Plunger Code S
Cap Material: PBT
Finish: Glossy
AT443
.315” (8.0mm) Dia.
Snap-on Cap
For use with Plunger Code L
Cap Material: Polycarbonate
Finish: Glossy
AT442
.394” (10.0mm) Dia.
Snap-on Cap
For use with Plunger Code L
Cap Material: Polycarbonate
Finish: Glossy
For use with Plunger Code S
Cap Material: PBT
Finish: Glossy
(8.0) Dia
.315
M2.3 P0.4
(6.5)
.256
(8.0)
.315
M2.3 P0.4
(10.0) Dia
.394
Epoxy Seal
(2.0)
.079
(2.0)
.079
(4.0)
.157
(1.1)
.043
Thk = (0.8)
.031


Similar Part No. - MB2011SS4G

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
More results

Similar Description - MB2011SS4G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com