Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2181SB3W05 Datasheet(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2181SB3W05
Description  Miniature Pushbuttons
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2181SB3W05 Datasheet(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2181SB3W05 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. MB2181SB3W05 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Large Bushing Miniature Pushbuttons
Series MB2000
CUSTOM ASSEMBLY WITH SNAP-IN MOUNTER
Panel Thickness Range:
.039” ~ .157” (1.0 ~ 4.0mm)
MB2011SB1W01-6C-A
(23.3) Dia
.917
(1.0) R
.039
(12.4)
.488
(25.8) Dia
1.016
(19.0) Dia
.748
(4.7) Typ
.185
(0.8) Typ
.031
(1.1) x (2.0) Typ
.043 x .079
Guide
(1.6)
.063
(0.76)
.030
(18.5)
.728
(4.8)
.189
(4.5)
.177
(17.5)
.689
(0.5)
.020
3
2
1
(7.9)
.311
(2.0)
.079
(13.0)
.512
(23.0) Dia
.906
COM
COM
6
3
2
5
4
1
(13.0)
.512
(2.0) Typ
.079
(12.7)
.500
(23.0) Dia
.906
(4.8)
.189
Single Pole
Double Pole


Similar Part No. - MB2181SB3W05

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2181SD1A NKK-MB2181SD1A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2181SD1G NKK-MB2181SD1G Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2181SD1W NKK-MB2181SD1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2181SD3A NKK-MB2181SD3A Datasheet
238Kb / 8P
   Miniature Pushbuttons
MB2181SD3G NKK-MB2181SD3G Datasheet
238Kb / 8P
   Miniature Pushbuttons
More results

Similar Description - MB2181SB3W05

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
logo
GREATECS
KB15SKW01-05-GG GREATECS-KB15SKW01-05-GG Datasheet
457Kb / 11P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W01-CA NKK-MB2011SS1W01-CA Datasheet
204Kb / 8P
   Miniature Pushbuttons
M2B15AA5W03-F NKK-M2B15AA5W03-F Datasheet
231Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
   Light Touch Miniature Pushbuttons
M2B15AA5G30-FC ETC2-M2B15AA5G30-FC Datasheet
191Kb / 7P
   Process Sealed Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
KP0115ACAKG036CF-2SJB NKK-KP0115ACAKG036CF-2SJB Datasheet
302Kb / 10P
   Miniature Audio/Video Pushbuttons
logo
GREATECS
KP0115ACAKG03CF-1SJB GREATECS-KP0115ACAKG03CF-1SJB Datasheet
367Kb / 6P
   Miniature Audio/Video Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com