Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLW3025-N Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MLW3025-N
Description  Snap-in Miniature Rockers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MLW3025-N Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  MLW3025-N Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-N Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-N Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-N Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-N Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-N Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-N Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Snap-in Miniature Rockers
Series MLW
PANEL CUTOUTS & THICKNESSES
Without Bezel
.039” ~ .157” (1.0mm ~ 4.0mm)
INSTALLATION & MAINTENANCE
(16.7)
.657
(18.7)
.736
(19.2) Sq
.755
With Standard Bezel AT204
.039” ~ .118” (1.0mm ~ 3.0mm)
With Large Bezel AT9201
.039” ~ .118” (1.0mm ~ 3.0mm)
(16.7)
.657
(18.7)
.736
LED (+) Marking this side
Actuator (+) Marking
Note: When changing LEDs, match
the positive polarity markings on
both lamp base and actuator block.
LEGENDS
General information and basic specifications are presented here for customers who want to do their own legends.
Shaded areas are printable areas.
(20.0)
.787
(4.67) Typ
.184
(18.48) Typ
.728
(3.15) Typ
.124
(0.76) Typ
.030
(0.76) Typ
.030
(0.76) Typ
.030
STAR
T
Recommended Print Method:
Screen Print or Pad Print
Epoxy based ink is recommended
Rocker
Design Rocker
Bezel
& LED Rocker
Additional Methods
An additional method for legends is engraving the lens. Maximum depth for engraving is
.012” (0.3mm) on the cap lens. Enamel paint is recommended to fill the engraved area.
(3.8) Dia
.150
(20.0)
.787
(5.0) Dia
.197
Lamps and LEDs can be changed without
removing the switch from the panel. The
lamp extractor AT107 assists in removing
lamps and LEDs.
AT107
Lamp Extractor
(16.0)
.630
(14.48)
.570
(12.6)
.496
(9.56)
.376
(1.52) Typ
.060
(0.76) Typ
.030
(8.16)
.321
(14.6)
.575
(13.08)
.515
(11.2)
.441
(1.52) Typ
.060
(0.76) Typ
.030


Similar Part No. - MLW3025-N

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MLW3025-N-RA-1A NKK-MLW3025-N-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3025-NDB1A NKK-MLW3025-NDB1A Datasheet
256Kb / 7P
   General Specifications
MLW3025-NDB1B NKK-MLW3025-NDB1B Datasheet
256Kb / 7P
   General Specifications
MLW3025-NDB1C NKK-MLW3025-NDB1C Datasheet
256Kb / 7P
   General Specifications
MLW3025-NDC1A NKK-MLW3025-NDC1A Datasheet
256Kb / 7P
   General Specifications
More results

Similar Description - MLW3025-N

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
CWSA11AANS NKK-CWSA11AANS Datasheet
266Kb / 6P
   Miniature Power Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
   Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com